Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182ACE Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9182ACE
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182ACE Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9182ACE Datasheet HTML 2Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 3Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 4Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 5Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 6Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 7Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 8Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 9Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9182
Preliminary
www.richtek-ic.com.tw
DS9182-02 April 2002
8
Input-Output (Dropout) Voltage
A
regulator’s
minimum
input-output
voltage
differential (or dropout voltage) determines the lowest
usable supply voltage. In battery-powered systems,
this will determine the useful end-of-life battery
voltage. Because the RT9182 uses a P-channel
MOSFET pass transistor, the dropout voltage is a
function of drain-to-source on-resistance [RDS(ON)]
multiplied by the load current.
Reverse Current Path
The power transistor used in the RT9182 has an
inherent diode connected between each regulator
input and output (see Fig.2). If the output is forced
above the input by more than a diode-drop, this diode
will become forward biased and current will flow from
the VOUT terminal to VIN. This diode will also be
turned on by abruptly stepping the input voltage to a
value below the output voltage. To prevent regulator
mis-operation, a Schottky diode could be used in the
applications where input/output voltage conditions
can cause the internal diode to be turned on (see
Fig.3). As shown, the Schottky diode is connected in
parallel with the internal parasitic diode and prevents
it from being turned on by limiting the voltage drop
across it to about 0.3V < 100mA to prevent damage
to the part.
Fig. 2
Fig. 3
VIN
VOUT
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com