Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182ACE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9182ACE
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182ACE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9182ACE Datasheet HTML 1Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 2Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 3Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 4Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 5Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 6Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 7Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 8Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
RT9182
DS9182-02 April 2002
www.richtek-ic.com.tw
1
Dual, Low-Noise, 200mA LDO Regulator
General Description
The RT9182 is a dual-channel, low noise, and low
dropout regulator supplying up to 200mA current at
each channel. The output voltage ranges from 1.5V
to 3.3V in 100mV increments and 2% accuracy by
operating from a +2.7V to +6.5V input.
The RT9182 uses an internal PMOS as the pass
device, which consumes 165
µA supply current (both
LDOs on) independent of load current and dropout
conditions. The SHDN pin controls both outputs
simultaneously and consumes nearly zero operation
current in the disable mode making the IC suitable
for battery-power devices. Other features include a
reference voltage bypass pin to improve low noise
performance, current limiting, and over temperature
protection.
Ordering Information
RT9182
Features
• Up to 200mA Output Current (Each LDO)
• Shutdown Function
• 29µµµµVRMS Low Noise Output
• Current Limiting and Thermal Protection
• Short Circuit Protection
• 120mV Dropout at 100mA Load
• Two LDOs in SOT-26 Package
Applications
Cellular Phones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
Pin Configurations
Part Number
Pin Configurations
RT9182 CE
(Plastic SOT-26)
TOP VIEW
1. VOUT2
2. GND
3. BP
4. SHDN
5. VIN
6. VOUT1
Typical Application Circuit
Marking Information
Part Number
Marking
RT9182ACE
2M
RT9182BCE
2Q
Operating temperature range
C : Commercial standard
Package type
E : SOT-26
Output voltage
A : 2.8V (Output1), 2.8V (Output2)
B : 3.0V (Output1), 3.0V (Output2)
VOUT1
VOUT2
RT9182
SHDN
BP
VIN
GND
2.2
µF
2.2
µF
2.2
µF
10nF
ON
OFF
VIN
VOUT2
VOUT1
64
3
2
1
5


Similar Part No. - RT9182ACE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182AGES RICHTEK-RT9182AGES Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182AGES RICHTEK-RT9182AGES Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182APES RICHTEK-RT9182APES Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182APES RICHTEK-RT9182APES Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
More results

Similar Description - RT9182ACE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
Dual Low-Noise 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com