Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701CB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9701CB
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9701CB Datasheet HTML 1Page - Richtek Technology Corporation RT9701CB Datasheet HTML 2Page - Richtek Technology Corporation RT9701CB Datasheet HTML 3Page - Richtek Technology Corporation RT9701CB Datasheet HTML 4Page - Richtek Technology Corporation RT9701CB Datasheet HTML 5Page - Richtek Technology Corporation RT9701CB Datasheet HTML 6Page - Richtek Technology Corporation RT9701CB Datasheet HTML 7Page - Richtek Technology Corporation RT9701CB Datasheet HTML 8Page - Richtek Technology Corporation RT9701CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9701
www.richtek-ic.com.tw
DS9701-05 October 2001
4
Electrical Characteristics
(VIN = 5V, CIN = COUT = 1
µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.2
--
6
V
RT9701CBL
IL = 1A
--
100
130
Output NMOFET RDS(ON)
RT9701CB
RDS(ON)
IL = 1A
--
105
135
m
Ω
VIN = 3V
--
19
40
Supply Current
VIN = 5V
--
23
45
µA
Output Turn-On Rising Time
TR
RL = 10
Ω, 90% Settling
--
400
--
µS
Current Limit Threshold
ILIMIT
RL = 2
Ω
1.1
1.5
2
A
Short-circuit Fold Back Current
IOS
VOUT = 0V, measured
prior to thermal shutdown
--
1.0
--
A
CE Input High Threshold
RT9701CB
2.0
--
--
V
CE Input Low Threshold
RT9701CB
--
--
0.8
V
Shutdown Supply Current
RT9701CB
IOFF
CE = “0”
--
0.1
1
µA
Output Leakage Current
RT9701CB
ILEAKAGE CE = “0”, VOUT = 0V
--
0.5
10
µA
VIN Under Voltage Lockout
UVLO
1.3
1.8
--
V
VIN Under Voltage Hysteresis
--
100
--
mV
Thermal Limit
TSD
--
130
--
°C
Thermal Limit Hysteresis
∆TSD
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com