Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701CB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9701CB
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9701CB Datasheet HTML 1Page - Richtek Technology Corporation RT9701CB Datasheet HTML 2Page - Richtek Technology Corporation RT9701CB Datasheet HTML 3Page - Richtek Technology Corporation RT9701CB Datasheet HTML 4Page - Richtek Technology Corporation RT9701CB Datasheet HTML 5Page - Richtek Technology Corporation RT9701CB Datasheet HTML 6Page - Richtek Technology Corporation RT9701CB Datasheet HTML 7Page - Richtek Technology Corporation RT9701CB Datasheet HTML 8Page - Richtek Technology Corporation RT9701CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9701
DS9701-05 October 2001
www.richtek-ic.com.tw
1
100m
Ω
Ω
Ω
Ω Power Distribution Switches
General Description
The RT9701 is an integrated 100m
Ω power switch
for self-powered and bus-powered Universal Series
Bus (USB) applications. A built-in charge pump is
used to drive the N-channel NMOSFET that is free
of parasitic body diode to eliminate any reversed
current flow across the switch when it is powered
off. Its low quiescent supply current (23
µA) and
small package (SOT-25) is particularly suitable in
battery-powered portable equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at 1.5A
to meet USB power requirement, and thermal
shutdown to protect damage under over current
conditions.
Applications
Battery-Powered Equipment
Motherboard USB Power Switch
USB Device Power Switch
Hot-Plug Power Supplies
Battery-Charger Circuits
Ordering Information
RT9701
Marking Information
Part Number
Marking
RT9701CBL
AH
RT9701CB
C0
Features
100m
Ω
Ω
Ω
Ω Typ. High-Side NMOSFET (SOT- 25)
Guaranteed 1.1A Continuous Current
1.5A Current Limit
Small SOT- 25 Package Minimizes Board Space
Soft Start
Thermal Protection
Low 23
µµµµA Supply Current
Wide Input Voltage Range: 2.2V ~ 6V
UL Approved - #E219878
Pin Configurations
Part Number
Pin Configurations
RT9701CBL
(Plastic SOT-25)
TOP VIEW
1. VOUT
2. GND
3. VIN
4. VIN
5. VOUT
RT9701CB
(Plastic SOT-25)
TOP VIEW
1. VOUT
2. GND
3. VIN
4. CE
5. VOUT
Typical Application Circuit
Operating temperature range
C: Commercial standard
Package type
BL : SOT-25
B : SOT-25
54
3
2
1
54
3
2
1
V
OUT
RT9701 CBL
VOUT
*C
OUT
470
µF
VIN
V
IN
C
IN
1
µF
GND
VOUT
VIN
* 470
µF, Low ESR Electrolytic


Similar Part No. - RT9701CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BPB RICHTEK-RT9701BPB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
More results

Similar Description - RT9701CB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_18 Datasheet
208Kb / 5P
100m POWER DISTRIBUTION SWITCHES
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com