Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701CB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9701CB
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9701CB Datasheet HTML 3Page - Richtek Technology Corporation RT9701CB Datasheet HTML 4Page - Richtek Technology Corporation RT9701CB Datasheet HTML 5Page - Richtek Technology Corporation RT9701CB Datasheet HTML 6Page - Richtek Technology Corporation RT9701CB Datasheet HTML 7Page - Richtek Technology Corporation RT9701CB Datasheet HTML 8Page - Richtek Technology Corporation RT9701CB Datasheet HTML 9Page - Richtek Technology Corporation RT9701CB Datasheet HTML 10Page - Richtek Technology Corporation RT9701CB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9701
DS9701-05 October 2001
www.richtek-ic.com.tw
7
UVLO Threshold vs. Temp.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40
-20
0
20
40
60
80
100
120
Temperature (
VIN = 5V
°C)
Inrush Current Response
T
TT
TT
T
2 >
2 >
2 >
2 >
3 >
3 >
3 >
3 >
4 >
4 >
4 >
4 >
100
µS/Div
VIN = 5V, RL = 1 ohm
CL = 100
µF
CL = 1
µF
CL = 33
µF
IOUT =1A/Div
Time (100
µS/Div)
RL = 1
Ω, VIN = 5V
IL = 1A/Div
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
Turn-On Response
Time (100
µS/Div)
RL = 30
Ω, CL = 1µF
CH1: VCE : 5V/Div
CH2: VOUT : 1V/Div
CH1
CH2
*Test Circuit 3
Turn-Off Response
Time (50
µS/Div)
T
T
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
3 >
3 >
3 >
3 >
RL = 30
Ω, CL = 1µF
CH2: IOUT : 100mA/Div; CH3: VOUT : 2V/Div
CH1
CH2
CH3
CH1: VCE : 5V/Div
*Test Circuit 3
Shutdown Supply Current vs. Temp.
0.0
0.2
0.3
0.5
0.6
0.8
0.9
-40
-20
0
20
40
60
80
100
120
Temperature (
VIN = 5V
°C)
*Test Circuit 3
°C)
Turn-Off Leakage Current vs. Temp.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
100
120
Temperature (
VIN = 5V
*Test Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com