Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD65R660CFDA Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD65R660CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R660CFDA Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD65R660CFDA Datasheet HTML 1Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 2Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 3Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 4Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 5Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 6Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 7Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 8Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
650VCoolMOS™CFDAPowerTransistor
IPD65R660CFDA
Rev.2.1,2014-11-19
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
6
A
TC=25°C
3.8
TC=100°C
Pulsed drain current
2)
ID‚pulse
17
A
TC=25°C
Avalanche energy, single pulse
EAS
115
mJ
ID=1.2A,VDD=50V
(see table 10)
Avalanche energy, repetitive
EAR
0.21
mJ
ID=1.2A,VDD=50V
Avalanche current, repetitive
IAR
1.2
A
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
VDS=0...400V
Gate source voltage
VGS
-20
20
V
static
-30
30
AC (f > 1 Hz)
Power dissipation (SMD)
DPAK
Ptot
62.5
W
TC=25°C
Operating and storage temperature
Tj‚Tstg
-40
150
°C
Continuous diode forward current
IS
6.035057
A
TC=25°C
Diode pulse current
IS‚pulse
17
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
50
V/ns
VDS=0...400V,ISD
≤ID,
Tj=25°C
(see table 8)
Maximum diode commutation speed
dif/dt
900
A/µs
1) Limited by Tj max.
2) Pulse width tp limited by Tj max
3) Identical low side and high side switch with identical RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com