Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD65R660CFDA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD65R660CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R660CFDA Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD65R660CFDA Datasheet HTML 1Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 2Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 3Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 4Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 5Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 6Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 7Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 8Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
650VCoolMOS™CFDAPowerTransistor
IPD65R660CFDA
Rev.2.1,2014-11-19
Final Data Sheet
tab
1
2
3
DPAK
Drain
Pin 2
Gate
Pin 1
Source
Pin 3
1Description
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.650VCoolMOS™CFDAseries
combinestheexperienceoftheleadingSJMOSFETsupplierwithhigh
classinnovation.Theresultingdevicesprovideallbenefitsofafast
switchingSJMOSFETwhileofferinganextremelyfastandrobustbody
diode.Thiscombinationofextremelylowswitching,commutationand
conductionlossestogetherwithhighestrobustnessmakeespecially
resonantswitchingapplicationsmorereliable,moreefficient,lighter,and
cooler.
Features
•Ultra-fastbodydiode
•Veryhighcommutationruggedness
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Easytouse/drive
•QualifiedaccordingtoAECQ101
•Greenpackage(RoHScompliant),Pb-freeplating,halogenfreeformold
compound
Applications
650VCoolMOS™CFDAisdesignedforswitchingapplications.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
650
V
RDS(on),max
0.66
Ω
Qg,typ
20
nC
ID,pulse
17
A
Eoss @ 400V
1.8
µJ
Body diode di/dt
900
A/µs
Qrr
0.2
µC
trr
65
ns
Irrm
4.5
A
Type/OrderingCode
Package
Marking
RelatedLinks
IPD65R660CFDA
PG-TO 252
65F660A
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com