Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD65R660CFDA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPD65R660CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R660CFDA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPD65R660CFDA Datasheet HTML 2Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 3Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 4Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 5Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 6Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 7Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 8Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 9Page - Infineon Technologies AG IPD65R660CFDA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
650VCoolMOS™CFDAPowerTransistor
IPD65R660CFDA
Rev.2.1,2014-11-19
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
1)
V(BR)DSS
650
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
3.5
4
4.5
V
VDS=VGS,ID=0.21455mA
Zero gate voltage drain current
IDSS
1
µA
VDS=650V,VGS=0V,Tj=25°C
100
VDS=650V,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
0.594
0.66
Ω
VGS=10V,ID=3.21825A,Tj=25°C
1.5444
VGS=10V,ID=3.21825A,
Tj=150°C
Gate resistance
RG
6.5
Ω
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
543
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
32
pF
Effective output capacitance, energy
related
2)
Co(er)
24
pF
VGS=0V,VDS=0...400V
Effective output capacitance, time
related
3)
Co(tr)
97
pF
ID=constant,VGS=0V,
VDS=0...400V
Turn-on delay time
td(on)
9
ns
VDD=400V,VGS=13V,
ID=3.21825A,RG=6.8
Ω
(see table 9)
Rise time
tr
8
ns
Turn-off delay time
td(off)
40
ns
Fall time
tf
10
ns
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
3.5
nC
VDD=480V,ID=3.2A,
VGS=0to10V
Gate to drain charge
Qgd
11
nC
Gate charge total
Qg
20
nC
Gate plateau voltage
Vplateau
6.4
V
1) For applications with applied blocking voltage > 65% of the specified blocking voltage, we recommend to evaluate
the impact of the cosmic radiation effect in early design phase. For assessment please contact local Infineon sales
office.
2) Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 400V
3) Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com