Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SCDCT1775 Rev B
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
GND
+5V OSC/CLOCK POWER
N/C
TX INHIBIT
SYNC SELECT
SERIAL DATA OUT
ESC OUT
N/C
COMM / DATA SYNC
MRST
VALID WORD
BIT STATUS
LATCH DATA 1
VAL CMD WD
BDCST INH
TM ADD 1
TM ADD 3
XTAL
CASE
CLOCK OUT
DATA SELECT 2
TAKE DATA
DATA SELECT 1
DECR ST
ENA PAR CHECK
DSC OUT
D14
SEND DATA
D12
CLOCK IN
D10
S/T SELECT
D8
FAIL-SAFE
D6
RT ENABLE
D4
MODE CODE
D2
LATCH DATA 2
D0
ENC ENABLE
LOAD DATA 1
BROADCAST
GND
TM ADD0
-Vc c
TM ADD 2
RX DATA IN
TM ADD 4
TX DATA OUT
CT1775 PIN OUT DESCRIPTION
PIN
#
FUNCTION
PIN
#
FUNCTION
1
GND
35 TMADDP
2+5V OSC/
CLOCK PWR
36 CHAN SELECT
3
N/C
37 ODD PARITY
4
TX INHIBIT
38 D15
5
SYNC SELECT
39 D13
6
SERIAL DATA OUT
40 D11
7
ESC OUT
41 D9
8N/C
42 D7
9COMM /
DATA SYNC
43 D5
10 MRST
44 D3
11 VALID WORD
45 D1
12 BIT STATUS
46 LOAD DATA 2
13 LATCH DATA 1
47 +5V
14 VAL CMD WD
48 +Vcc
15 BDCST INH
49 RX DATA IN
16 TM ADD 1
50 RXSTROBE
17 TM ADD 3
51 TX DATA OUT
18 XTAL
52 CASE
19 CLOCK OUT
53 DATA SELECT 2
20 TAKE DATA
54 DATA SELECT 1
21 DECR ST
55 ENA PAR CHECK
22 DSC OUT
56 D14
23 SEND DATA
57 D12
24 CLOCK IN
58 D10
25 S/T SELECT
59 D8
26 FAIL-SAFE
60 D6
27 RT ENABLE
61 D4
28 MODE CODE
62 D2
29 LATCH DATA 2
63 D0
30 ENC ENABLE
64 LOAD DATA 1
31 BROADCAST
65 GND
32 TM ADD 0
66 -Vc c
33 TM ADD 2
67 RXDATAIN
34 TM ADD 4
68 TX DATA OUT
CT1775
MIL-STD-1553B
DUMB RTU HYBRID
FIGURE 3 – PIN CONNECTION DIAGRAM, CT1775 AND PINOUT TABLE
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
TMADDP
CHAN SELECT
ODD PARITY
D15
D13
D11
D9
D7
D5
D3
D1
LOAD DATA 2
+5V
+Vcc
RX DATA IN
RXSTROBE
TX DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com