Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT1775 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SCDCT1775 Rev B
VALUES AT NOMINAL POWER SUPPLY VOLTAGES UNLESS OTHERWISE SPECIFIED
PARAMETER
VALUE
UNITS
Receiver
Differential Input Impedance
(DC to 1MHz)
4 min
K
Ω
Differential Input Voltage
40 max
VP-P
Input Threshold (Direct Coupled)
1 typ
VP-P
CMRR (DC to 2MHZ)
40 min
dB
CMV (DC to 2MHZ)
±10 min
V
RX STROBE Characteristics
1 typ
TTL Loads
Transmitter
Differential Output Voltage
Direct Coupled (across 145
Ω Load)
30 typ
VP-P
Transformer Coupled (at stub)
21 typ
VP-P
Output Rise and Fall time
130 typ
ns
Output Noise
10 max
mVP-P
TX INHIBIT Characteristics
1 typ
TTL Loads
Logic
IIH, IIL, IOH, IOL
See pin function &
loading Table
VOH
2.5 min
V
VOL
0.4 max
V
VIH
2.0 min
V
VIL
0.7 max
V
Clock
VOHC (Internal Clock)
Supply
-0.3 min
V
VOLC (Internal Clock)
Ground
+0.3 min
V
VIHC (External Clock)
Supply
-0.5 min
V
VILC (External Clock)
Ground
+0.5 min
V
Power Supplies
+5V OSC/CLOCK Supply
Voltage Tolerances
±10
%
Current Drain
8 typ; 13 max
mA
+5V Logic Supply
Voltage Tolerances
±10
%
Current Drain
250 max
mA
+15V (or +12V) Supply
Voltage Tolerances
±5
%
Current Drain
65 max
mA
-15V Supply
Voltage Tolerances
±5
%
Current Drain
Idle
65 max
mA
25% Transmit
105 max
mA
100% Transmit
250 max
mA
-12V Supply
Voltage Tolerances
±5
%
Current Drain
Idle
65 max
mA
25% Transmit
105 max
mA
100% Transmit
250 max
mA
Temperature Range
Operating (Case)
−55 to +125
°C
Storage
−65 to +150
°C
Physical Characteristics
Size
68 pin DDIP
1.6 x 1.9 x 0.18
in
TABLE 1 – CT1775 SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com