Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT1775 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SCDCT1775 Rev B
DESCRIPTION
The CT1775 Universal MACAIR/1553 Dumb Remote Terminal Unit (RTU) consists of a transceiver, and encoder/decoder, control
logic, dual rank I/O registers and internal clock oscillator packaged in a 1.6" x 1.9" hermetic hybrid. It provides all the functions
required to interface between a MACAIR (sinusodial) or MIL-STD-1553 (Trapezoidal) serial MUX data bus and a subsystem parallel
3-state data highway. Utilizing several ASIC ICs, the CT1775 provides sufficient handshaking, control and data lines to permit
versatile operation as a remote terminal, a bus controller or a bus monitor, in either single or dual redundant data bus configurations.
As a transmitter, the CT1775 accepts 8 bit or 16 bit parallel date from the subsystem, and outputs serial Manchester II coded
Command, Status or Data words, under subsystem control. As a receiver, it accepts serial MIL-STD-1553 or MACAIR transmissions
and transfers all Command, Status and Data words to the 8 bit or 16 bit data highway, under subsystem control. The CT1775 also
provides flags to the subsystem when Broadcast, Mode Code, and Own Address (with parity) commands are decoded.
The CT1775 contains a terminal fail-safe timeout circuit which flags message lengths exceeding 768µs, and terminates serial data
transmission. Wraparound selftest is initiated by a control line which causes the encoder serial output to be connected to the decoder
input. The CT1775 provides a serial output of decoded words, thus allowing Command Word look ahead, for the fastest terminal
response.
FEATURES
❑
CT1775 Replaces DDC BUS-65201
❑
Includes:
- Universal Transceiver
- Encoder/decoder
- Dual Rank I/O Registers
- Fail-safe Timer
- Clock Oscillator
❑
Simple Controls for Single or Dual Redundant Data Bus Configurations
❑
Provides Flags for:
- Own Address (With Parity)
- Mode Code
- Broadcast
- Time Out
- Valid Word
- Sync Type
❑
16 Bit or 8 Bit 3-State
- Parallel I/O and Serial Out
❑
Wraparound Built-In Test
❑
MIL-PRF-38534 Compliant Circuits Available
❑
Packaging – Hermetic Metal
- 68 Pin, 1.85" x 1.6" x .19" Plug-In Type Package
CT1775
PRELIMINARY DATA SHEET
Universal MacAir/1553 Dumb RTU Hybrid
www.aeroflex.com/Avionics


Similar Part No. - CT1775

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1775 AEROFLEX-CT1775 Datasheet
116Kb / 6P
CT1775 Universal MacAir/1553 Dumb RTU Hybrid
More results

Similar Description - CT1775

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
SBS Telecom Standard Product Data Sheet Preliminary
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
logo
Aeroflex Circuit Techno...
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
CT1775 AEROFLEX-CT1775 Datasheet
116Kb / 6P
CT1775 Universal MacAir/1553 Dumb RTU Hybrid
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
DATA SHEET REV.2.0(PRELIMINARY)
logo
Aeroflex Circuit Techno...
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
PRELIMINARY DATA SHEET
logo
Aeroflex Circuit Techno...
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com