Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4444 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT4444
Description  Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4444 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT4444 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SCD4444 Rev B
PACKAGE PIN OUT DESCRIPTION - ACT4444
Pin #
Function
Pin #
Function
1
VCCTX
*
33
COMP 1 NL
2
NC
34
VL
3
TX DATA OUT
*
35
VEERX
4
NC
36
RX 2 IN
5
VEETX
*
37
COMP 2 NL
6
TX DATA BUF IN
38
COMP 2 NH
7
VCA DATA OUT
39
COMP +VTH IN
8
TX DATA FIL OUT
40
COMP -VTH IN
9VCCTX
41
COMP IN
10
VEETX
42
RX GND 1
11
TX DATA FIL OUT
43
-VTH RTN
12
VCA DATA OUT
44
-VTH
13
TX DATA BUF IN
45
+VTH
14
VEETX
*
46
+VTH RTN
15
NC
47
VEERX
16
TX DATA OUT
*
48
RX FIL OUT
17
NC
49
NC
18
VCCTX*
50
RX GND 2
19
VREF
51
RX DATA IN
20
CTRUNC
52
RX DATA IN
21
NC
53
VCCRX
22
NC
54
VL
23
VCA CONT1
55
GND 2
24
NC
56
VL
25
NC
57
TX INHIBIT IN
26
GND 1
58
TX DATA IN
27
RX STROBE IN
59
TX DATA IN
28
RX 2 OUT
60
DEXORIN
29
RX GND 3
61
DEXORIN
30
RX 1 OUT
62
NC
31
RX 1 IN
63
NC
32
COMP 1 NH
64
NC
NC = No Connect
* High Current Line (~100mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com