Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4444 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT4444
Description  Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4444 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT4444 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SCD4444 Rev B
DETAIL "A"
TOP VIEW
DETAIL "B" (60 PL)
DETAIL "C" (3 PL)
PIN 1 IDENTIFER & ESD INDICATOR
.05
X
9.00 ± .10
0.67± .025
Notes
1. Dimensions in millimeters
BOTTOM VIEW
8.2 TYP
8.15 TYP
C.L.(Pkg)
"C"
"A"
"B"
C .20 x 45°
.08
XY
Z
.30 ± .03
.08 M
XY
Z
.45 ± .03
.08
XY
Z
.45 ± .03
C .20 x 45°
0.80 MAX
.075± .025
Z
Z
0.20
Y
ACT4444
Y
Z
Pin 1
Pin 17
Pin 33
Pin 49
.50± .10
.50 TYP
PACKAGE DESCRIPTION
MM
Inches
9
.354
8.2
.323
8.15
.321
0.8
.0315
0.67
.026
0.5
.020
0.45
.018
0.3
.012
0.2
.008
0.1
.00394
0.08
.00315
0.075
.00295
0.05
.002
0.03
.0012
0.025
.001
0.020
.0008
M
M
7.4
6.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com