Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4444 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT4444
Description  Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4444 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT4444 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
ww w.aer o fl ex.com
i n fo -ams@aer ofl e x.com
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
SCD4444 Rev B
CONFIGURATIONS AND ORDERING INFORMATION
Model No.
Screening Level
Receiver And Transmitter Data
Levels
Package
ACT4444
Industrial Temperature
-40°C to +85°C
User Configurable
(See Figure 3 & 4)
64 Bump Chip
Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com