Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2686 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2686
Description  Regulated Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2686 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2686 Datasheet HTML 1Page - National Semiconductor (TI) LM2686 Datasheet HTML 2Page - National Semiconductor (TI) LM2686 Datasheet HTML 3Page - National Semiconductor (TI) LM2686 Datasheet HTML 4Page - National Semiconductor (TI) LM2686 Datasheet HTML 5Page - National Semiconductor (TI) LM2686 Datasheet HTML 6Page - National Semiconductor (TI) LM2686 Datasheet HTML 7Page - National Semiconductor (TI) LM2686 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
IN to GND)
6.8V
SD, CE
(GND − 0.3V) to
(V
In + 0.3V)
V
05 Continuous Output Current
80mA
V
05 Short-Circuit Duration to GND
(Note 2)
Indefinite
Continuous Power Dissipation (T
A
= 25˚C) (Note 3)
600mW
T
JMAX (Note 3)
150˚C
θ
JA (Note 3)
140˚C/W
Operating Ambient Temp. Range
−40˚C to 85˚C
Operating Junction Temperature
Range
−40˚C to 125˚C
Storage Temp. Range
−65˚C to 150˚C
Lead Temp. (Soldering, 10 sec.)
300˚C
ESD Rating (Note 4)
2kV
Electrical Characteristics
Limits with standard typeface apply for T
J = 25˚C, and limits in boldface type apply over the full temperature range. Unless
otherwise specified V
IN = 3.6V, C1 = C3 = 2.2µF. C2 = 4.7µF. (Note 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
+
Supply Voltage
2.85
6.5
V
I
Q
Supply Current
No Load
450
950
µA
I
SD
Shutdown Supply Current
V
IN = 6.5V
6
30
µA
V
SD
Shutdown Pin Input Voltage for
CE, SD
Logic Input High @ 6.5V
2.4
V
Logic Input Low @ 6.5V
0.8
I
L (+5V)
Output Current at V
05
2.85V < V
IN < 6.5V
50
mA
F
SW
Switch Frequency
85
130
180
kHz
P
EFF
Average Power Efficiency at V
05
2.85V < V
IN < 6.5V
I
L = 25mA to GND
82
%
V
05
Output Regulation
1mA < I
L < 50mA, VIN = 6.5V
(Note 6)
4.848
5.05
5.252
V
1mA < I
L < 50mA, VIN = 6.5V
(Note 6)
4.797
5.05
5.303
V
G
LINE
Line Regulation
2.85V < V
IN < 3.6V
0.25
%/V
3.6V < V
IN < 6.5V
0.05
G
LOAD
Load Regulation
1mA < I
L < 50mA, VIN = 6.5V
0.3
1.0
%
R
SW
Series Switch Resistance from
V
05 to VPSW
V
IN > 2.85V
5.0
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: V05 may be shorted to GND without damage. For temperature above 85˚C, V05 must not be shorted to GND or device may be damaged.
Note 3: The maximum allowable power dissipation is calculated by using PDMAX = (TJMAX —TA)/θJA, where TJMAX is the maximum junction temperature, TAis the
ambient temperature and
θJA is the junction-to-ambient thermal resistance of the specified package.
Note 4: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 5: In the typical operating circuit, capacitors C1 and C3 are 2.2µF, 0.3Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance,
reduce output voltage and efficiency.
Note 6: The 50mA maximum current assumes no current is drawn from VDBL pin. See Voltage Doubler section in the Detailed Device Description.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com