Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2686 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2686
Description  Regulated Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2686 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2686 Datasheet HTML 1Page - National Semiconductor (TI) LM2686 Datasheet HTML 2Page - National Semiconductor (TI) LM2686 Datasheet HTML 3Page - National Semiconductor (TI) LM2686 Datasheet HTML 4Page - National Semiconductor (TI) LM2686 Datasheet HTML 5Page - National Semiconductor (TI) LM2686 Datasheet HTML 6Page - National Semiconductor (TI) LM2686 Datasheet HTML 7Page - National Semiconductor (TI) LM2686 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Information (Continued)
High capacitance (2.2µF to higher), low ESR capacitors can
reduce the output resistance and the voltage ripple.
where I
Q(V+) is the quiescent power loss of the IC device,
and I
2
LR is the conversion loss associated with the switch
on-resistance, the two external capacitors and their ESRs.
Low ESR capacitors (table to be referenced) are recom-
mended to maximize efficiency, reduce the output voltage
drop and voltage ripple.
+5 LDO Regulator External Capacitors
The voltage doubler output capacitor, C3, serves as the input
capacitor of the 5 LDO regulator. The output capacitor C4,
must meet the requirement for minimum amount of capaci-
tance and appropriate ESR (Equivalent Serving Resistance)
for proper operations. The ESR value must remain within the
regions of stability as shown in
Figure 3, Figure 4 and Figure
5 to ensure output’s stability. A minimum capacitance of 1µF
is required at the output. This can be increased without limit,
but a 4.7µF tantalum capacitor is recommended for loads
ranging upto the maximum specification. In lighter loads of
less or equal to 10mA, ceramic capacitor of at least 1µF and
ESR in the milliohms can be used. This has to be connected
to V
PSW pin instead of the V05 pin.
Any output capacitor used should have a good tolerance
over temperature for capacitance and ESR values. The
larger the capacitor, with ESR within the stable region, the
better the stability and noise performance.
DS101141-25
FIGURE 3. ESR Curve for C
OUT = 2.2µF
DS101141-26
FIGURE 4. ESR Curve for C
OUT = 4.7µF
DS101141-27
FIGURE 5. ESR Curve for C
OUT =10µF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com