Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2686 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2686
Description  Regulated Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2686 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2686 Datasheet HTML 1Page - National Semiconductor (TI) LM2686 Datasheet HTML 2Page - National Semiconductor (TI) LM2686 Datasheet HTML 3Page - National Semiconductor (TI) LM2686 Datasheet HTML 4Page - National Semiconductor (TI) LM2686 Datasheet HTML 5Page - National Semiconductor (TI) LM2686 Datasheet HTML 6Page - National Semiconductor (TI) LM2686 Datasheet HTML 7Page - National Semiconductor (TI) LM2686 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Description
Pin No.
Name
Function
1V
IN
*
Power supply input voltage.
2
GND
**
Power supply ground.
3
GND
**
Power supply ground.
4
GND
**
Power supply ground.
5
CE
Chip enable input. This pin is high for normal operation and low for shutdown and V
PSW
load disconnect.
6
SD
Shutdown input. This pin is low for normal operation and high for shutdown and V
PSW
load disconnect.
7V
IN
*
Power supply input voltage.
8
NC
No connection.
9
NC
No connection.
10
V
05
Regulated +5V output.
11
V
PSW
V
05 output connected through a series switch, PSW.
12
V
DBL
Output of doubled input voltage.
13
C
1
+
The positive terminal of doubling charge-pump capacitor, C1.
14
C
1
The negative terminal of doubling charge-pump capacitor, C1.
* All VIN pins, pin 1 and pin 7 must be tied together for proper operation.
** All ground pins, pin 2, pin 3 and pin 4 must be tied together for proper operation.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com