Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-290 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L-290
Description  TACHOMETER CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L-290 Datasheet(HTML) 1 Page - STMicroelectronics

  L-290 Datasheet HTML 1Page - STMicroelectronics L-290 Datasheet HTML 2Page - STMicroelectronics L-290 Datasheet HTML 3Page - STMicroelectronics L-290 Datasheet HTML 4Page - STMicroelectronics L-290 Datasheet HTML 5Page - STMicroelectronics L-290 Datasheet HTML 6Page - STMicroelectronics L-290 Datasheet HTML 7Page - STMicroelectronics L-290 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L290
TACHOMETER CONVERTER
DESCRIPTION
The L290, a monolithic LSI circuit in 16-lead inline
plastic package, is intended for user with the L291
and L292 which together from a complete 3-chip
DC motor positioning system for applications
such as carriage/daisy-wheel position control in
typewriters.
The L290/1/2 system can be directly controlled by
a microprocessor. The L290 integrates the follow-
ing functions:
- tacho voltage generator (F/V converter)
- reference voltage generator
- position pulse generator
March 1993
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
± 15
V
Vi (FTA, FTB, FTF)
Input Signals
± 7V
Ptot
Total Power Dissipation (Tamb =70
°C)
1
W
Tstg,Tj
Storage and Junction Temperature
- 40 to + 150
°C
ABSOLUTE MAXIMUM RATING
SYSTEM BLOCK DIAGRAM
DIP-16 Plastic
(0.25)
ORDER CODE : L290B
1/8


Similar Part No. - L-290

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-299 RHOMBUS-IND-L-299 Datasheet
22Kb / 1P
Common Mode Choke
2/26/98
More results

Similar Description - L-290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
TA134 IVO-TA134 Datasheet
423Kb / 2P
Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
Tachometer electronic
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
Contact Tachometer
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
Multifunction Counter/Tachometer
logo
STMicroelectronics
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
Tachometer input
04-Nov-2014
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com