Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-290 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L-290
Description  TACHOMETER CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L-290 Datasheet(HTML) 4 Page - STMicroelectronics

  L-290 Datasheet HTML 1Page - STMicroelectronics L-290 Datasheet HTML 2Page - STMicroelectronics L-290 Datasheet HTML 3Page - STMicroelectronics L-290 Datasheet HTML 4Page - STMicroelectronics L-290 Datasheet HTML 5Page - STMicroelectronics L-290 Datasheet HTML 6Page - STMicroelectronics L-290 Datasheet HTML 7Page - STMicroelectronics L-290 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
COMPARATORS WITH HYSTERESIS (C1,C2, and C3)
VTHP (
°)
Positive Threshold Voltage
(pin 2, 12, 15)
C1 and C2
550
850
mV
C3
700
900
mV
VTHN (
° °) Negative Threshold Voltage
(pin 2, 12, 15)
C1 and C2
55
175
mV
C3
570
830
mV
∆FTF
Threshold Hysteresis
C3
72
120
mV
VL
Output Voltage (low level)
(pin 10, 13, 14)
I0 =2 mA
FTA = FTB = FTF = 0 V
0.2
0.4
V
Ileak
(pins 10, 13, 14)
FTA = FTB = 0.5 V
VCE = 5 V
FTF = 1 V
1
µA
REFERENCE GENERATOR
Vref
DC Reference Voltage
(pin 3)
FTA = FTB =
± 0.5 Vp (*)
Iref =1 mA
4.5
5
5.5
V
Iref
Output Current (pin 3)
1.4
mA
”TACHO” AMPLIFIER (A3)
Vos
Output Offset Voltage (pin 4)
FTA =
± 15 mV FTB = 0.5V
± 80
mV
Vo
DC Output Voltage (pin 4)
FTA = FTB =
± 0.5 Vp
(**)
V01
5.4
6
6.6
V
VMA = VMB =
± 1.25 Vp
(***)
V02
- 5.4
- 6
- 6.6
∆V0
V01 +V02
- 150
+ 150
mV
V0
Output Voltage Swing (pin 4)
FTA = FTB = 0.5V
9
V
Sin (B)
FTA = FTB = -0.5 V
- 9
VMA
VMB
Multiplier Input Voltage
(pin 7, 8)
± 1.25
± 1.7
Vp
Vbias
Bias Voltage (pin 6)
FTA and FTB Floating
- 6.5
- 8
V
ELECTRICAL CHARACTERISTICS (continued)
(
°)
:
FTA = FTB = FTF
(
° °)
: FTA= FTB = FTF =
Note
:
Phase relationship between the signals :
*FTA : 0
°
FTB : 90
°
** FTA : 0
°
FTB : - 90
°
VMA =90
°
VMB =0
°
*** FTA : 0
°
FTB : 90
°
VMA =90
°
VMB = 180
°
0
1V
0
1V
L290



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com