Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-290 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L-290
Description  TACHOMETER CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L-290 Datasheet(HTML) 3 Page - STMicroelectronics

  L-290 Datasheet HTML 1Page - STMicroelectronics L-290 Datasheet HTML 2Page - STMicroelectronics L-290 Datasheet HTML 3Page - STMicroelectronics L-290 Datasheet HTML 4Page - STMicroelectronics L-290 Datasheet HTML 5Page - STMicroelectronics L-290 Datasheet HTML 6Page - STMicroelectronics L-290 Datasheet HTML 7Page - STMicroelectronics L-290 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Symbol
Parameter
Value
Unit
Rth-j-amb
Thermal resistance junction-case
Max
80
°C/W
THERMAL DATA
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 10
± 15
V
Id
Quiescent Drain Current
Vs =
± 15 V
13
20
mA
INPUT AMPLIFIERS (A1 and A2)
FTA, FTB
Input Signal from Encoder
(pin 1, 16)
fmax = 20 KHz
± 0.4
± 0.6
Vp
Vos
Output Offset Voltage
(pin 2, 15)
FTA = FTB = 0 V
± 55
mV
Ib
Input Bias Current (pin 1, 16)
0.15
µA
Gv
Voltage Gain
f = 10 KHz FTA=
FTB =
± 0.6 Vp
22
23
24
dB
V0
Output Voltage Swing
(pin 2, 15)
FTA = FTB =
± 1Vp
± 9.5
V
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, S in (A), Vs =
± 12 V, Tamb =25 °C
unless otherwise specified)
TEST CIRCUIT
3/8
L290



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com