Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW9CF2B Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SAW9CF2B
Description  Superior High Intensity for High Voltage System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW9CF2B Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SAW9CF2B Datasheet HTML 9Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 10Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 11Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 12Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 13Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 14Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 15Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 16Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW9CF2B
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
13
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev 1.0, Nov 29, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.41
0.42
0.43
0.44
0.45
0.46
0.38
0.39
0.40
0.41
0.42
0.43
G44
G43
2900K
3000K
3200K
G41
G31
G21
G11
CIE X
G32
G42
G22
G12
G33
G23
G13
G34
G24
G14
G11
G21
G31
G41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4299
0.4165
0.4364
0.4188
0.4430
0.4212
0.4496
0.4236
0.4261
0.4077
0.4324
0.4099
0.4387
0.4122
0.4451
0.4145
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4514
0.4168
0.4365
0.4189
0.4430
0.4212
0.4496
0.4236
0.4562
0.4260
G12
G22
G32
G42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4261
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4515
0.4168
G13
G23
G33
G43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4185
0.3902
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4420
0.3985
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
G14
G24
G34
G44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4243
0.3922
0.4302
0.3943
0.4302
0.3943
0.4361
0.3964
0.4203
0.3834
0.4259
0.3853
0.4259
0.3853
0.4316
0.3873
0.4147
0.3814
0.4203
0.3834
0.4316
0.3873
0.4373
0.3893
0.4185
0.3902
0.4243
0.3922
0.4361
0.3964
0.4420
0.3985
CIE Chromaticity Diagram (Warm white), T
j=25℃, IF=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com