Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW9CF2B Datasheet(PDF) 23 Page - Seoul Semiconductor

Part # SAW9CF2B
Description  Superior High Intensity for High Voltage System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW9CF2B Datasheet(HTML) 23 Page - Seoul Semiconductor

Back Button SAW9CF2B Datasheet HTML 17Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 18Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 19Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 20Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 21Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 22Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 23Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 24Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 25Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW9CF2B
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
23
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev 1.0, Nov 29, 2016
Precaution for Use
SSC
표준화결론(개선후)
TOP & SIDETOP & SIDE
MSL (Moisture Sensitive Level)
LEVEL 3
LEVEL 2a
1. Shelf life in Sealing bag
저장기한
(
실링백 상태로)
Months
개월
12
개월
12
개월
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(maximum)
습도 (미만)
50%RH
50%RH
2. Peak package body temperature
(
제품 최대 온도)
240℃
240℃
3. After this bag is
opened
실링백 개봉 후 조건
hours
시간 (이내)
168 hours
(7days)
672 hours
(28days)
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(less than)
습도 (미만)-규격
Limit
성격
60%RH
60%RH
Stored
저장조건(미만)
10%RH
10%RH
4. Devices require bake,
before mounting, if:
사용 전 Baking 검사
a. Humiduty
Indicator Card
30%RH
30%RH
Temperature
온도 조건에서
23
±5℃
23
±5℃
b. is not met.
MSL Level (
미만)
3
3
5. If baking is required,
건조(baking) 조건
hours
시간 (이내)
10~24
hours
10~24
hours
Temperature
온도 조건
65
±5℃
65
±5℃
Humidity
(less than)
습도조건 (미만)
10%RH
10%RH
<PKG용>
- 제품에 해당하는 내용 추가 및 수정하십시오.
(11) The appearance and specifications of the product may be modified for improvement without
notice.
(12) Long time exposure of sunlight or occasional UV exposure will cause lens discoloration.
(13) VOCs (Volatile organic compounds) emitted from materials used in the construction of fixtures
can penetrate silicone encapsulants of LEDs and discolor when exposed to heat and photonic
energy. The result can be a significant loss of light output from the fixture. Knowledge of the
properties of the materials selected to be used in the construction of fixtures can help prevent
these issues.
(14) Attaching LEDs, do not use adhesives that outgas organic vapor.
(15) The driving circuit must be designed to allow forward voltage only when it is ON or OFF.
If the reverse voltage is applied to LED, migration can be generated resulting in LED damage.
(16) Similar to most Solid state devices;
LEDs are sensitive to Electro-Static Discharge (ESD) and Electrical Over Stress (EOS).
Below is a list of suggestions that Seoul Semiconductor purposes to minimize these effects.
a. ESD (Electro Static Discharge)
Electrostatic discharge (ESD) is the defined as the release of static electricity when two objects come
into contact. While most ESD events are considered harmless, it can be an expensive problem in
many industrial environments during production and storage. The damage from ESD to an LEDs may
cause the product to demonstrate unusual characteristics such as:
- Increase in reverse leakage current lowered turn-on voltage
- Abnormal emissions from the LED at low current
The following recommendations are suggested to help minimize the potential for an ESD event.
One or more recommended work area suggestions:
- Ionizing fan setup
- ESD table/shelf mat made of conductive materials
- ESD safe storage containers
One or more personnel suggestion options:
- Antistatic wrist-strap
- Antistatic material shoes
- Antistatic clothes
Environmental controls:
- Humidity control (ESD gets worse in a dry environment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com