Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW9CF2B Datasheet(PDF) 24 Page - Seoul Semiconductor

Part # SAW9CF2B
Description  Superior High Intensity for High Voltage System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW9CF2B Datasheet(HTML) 24 Page - Seoul Semiconductor

Back Button SAW9CF2B Datasheet HTML 17Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 18Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 19Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 20Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 21Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 22Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 23Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 24Page - Seoul Semiconductor SAW9CF2B Datasheet HTML 25Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW9CF2B
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
24
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev 1.0, Nov 29, 2016
Precaution for Use
SSC
표준화결론(개선후)
TOP & SIDETOP & SIDE
MSL (Moisture Sensitive Level)
LEVEL 3
LEVEL 2a
1. Shelf life in Sealing bag
저장기한
(
실링백 상태로)
Months
개월
12
개월
12
개월
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(maximum)
습도 (미만)
50%RH
50%RH
2. Peak package body temperature
(
제품 최대 온도)
240℃
240℃
3. After this bag is
opened
실링백 개봉 후 조건
hours
시간 (이내)
168 hours
(7days)
672 hours
(28days)
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(less than)
습도 (미만)-규격
Limit
성격
60%RH
60%RH
Stored
저장조건(미만)
10%RH
10%RH
4. Devices require bake,
before mounting, if:
사용 전 Baking 검사
a. Humiduty
Indicator Card
30%RH
30%RH
Temperature
온도 조건에서
23
±5℃
23
±5℃
b. is not met.
MSL Level (
미만)
3
3
5. If baking is required,
건조(baking) 조건
hours
시간 (이내)
10~24
hours
10~24
hours
Temperature
온도 조건
65
±5℃
65
±5℃
Humidity
(less than)
습도조건 (미만)
10%RH
10%RH
<PKG용>
- 제품에 해당하는 내용 추가 및 수정하십시오.
b. EOS (Electrical Over Stress)
Electrical Over-Stress (EOS) is defined as damage that may occur when an electronic device is
subjected to a current or voltage that is beyond the maximum specification limits of the device.
The effects from an EOS event can be noticed through product performance like:
- Changes to the performance of the LED package
(If the damage is around the bond pad area and since the package is completely encapsulated
the package may turn on but flicker show severe performance degradation.)
- Changes to the light output of the luminaire from component failure
- Components on the board not operating at determined drive power
Failure of performance from entire fixture due to changes in circuit voltage and current across total
circuit causing trickle down failures. It is impossible to predict the failure mode of every LED exposed
to electrical overstress as the failure modes have been investigated to vary, but there are some
common signs that will indicate an EOS event has occurred:
- Damaged may be noticed to the bond wires (appearing similar to a blown fuse)
- Damage to the bond pads located on the emission surface of the LED package
(shadowing can be noticed around the bond pads while viewing through a microscope)
- Anomalies noticed in the encapsulation and phosphor around the bond wires.
- This damage usually appears due to the thermal stress produced during the EOS event.
c. To help minimize the damage from an EOS event Seoul Semiconductor recommends utilizing:
- A surge protection circuit
- An appropriately rated over voltage protection device
- A current limiting device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com