Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441LE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG441LE
Description  Low Charge Injection and Leakage, Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 1 Page - Vishay Siliconix

  DG441LE Datasheet HTML 1Page - Vishay Siliconix DG441LE Datasheet HTML 2Page - Vishay Siliconix DG441LE Datasheet HTML 3Page - Vishay Siliconix DG441LE Datasheet HTML 4Page - Vishay Siliconix DG441LE Datasheet HTML 5Page - Vishay Siliconix DG441LE Datasheet HTML 6Page - Vishay Siliconix DG441LE Datasheet HTML 7Page - Vishay Siliconix DG441LE Datasheet HTML 8Page - Vishay Siliconix DG441LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
1
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
, Low Charge Injection and Leakage,
+12 V / +5 V / +3 V / ± 5 V Quad SPST Switches
DESCRIPTION
The
DG441LE,
DG442LE
monolithic
quad
single-pole-single-throw analog switches are designed to
provide high speed, low error switching of analog signals.
The DG441LE has a normally closed function. The DG442LE
has a normally open function.
The DG441LE, DG442LE feature low charge injection of a
few picocoulombs over the full analog switch range.
Combining low on resistance (16
, typ.), low parasitic
capacitance (CD(ON) 15 pF), and fast switching speed
(tON, 18 ns, typ.), the devices are ideal for data acquisition,
sample-and-hold, and ADC input circuit designs.
The DG441LE, DG442LE operate on single and dual
supplies. Single supply voltage ranges from 3 V to 16 V while
dual supply operation is recommended with ± 3 V to ± 8 V.
Each switch conducts equally well in both direction when
on, and blocks input voltages up to the supply levels when
off.
The DG441LE, DG442LE are available in 16 lead TSSOP,
SOIC, and PDIP packages.
FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 
• Fast switching tON: 18 ns,typ.
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full
signal swing range
• Low leakage: < 10 pA, typ.
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
•Fast switching time
• Minimized switching glitch
APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Available
Available
Available
DG441LE / 442LE
Dual-In-Line, TSSOP and SOIC
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
Top View
9
TRUTH TABLE
LOGIC
DG441LE
DG442LE
0On
Off
1Off
On


Similar Part No. - DG441LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
DG441LEDJ-GE3 VISHAY-DG441LEDJ-GE3 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
DG441LEDQ-GE3 VISHAY-DG441LEDQ-GE3 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
DG441LEDQ-T1-GE3 VISHAY-DG441LEDQ-T1-GE3 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
DG441LEDY-GE3 VISHAY-DG441LEDY-GE3 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
More results

Similar Description - DG441LE

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
21-Aug-17
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com