Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMK10 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MMK10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 20Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
46
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
1000 VDC/250 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 15 MM
0.0082
5.5
10.5
18.0
15.0
1000
600
30
MMK15 822K1000B04L4 BULK
0.010
5.5
10.5
18.0
15.0
1000
600
30
MMK15 103K1000B04L4 BULK
0.012
5.5
10.5
18.0
15.0
1000
600
30
MMK15 123K1000B04L4 BULK
0.015 *
5.5
10.5
18.0
15.0
1000
600
30
MMK15 153K1000B04L4 BULK
B05
0.018 *
5.5
10.5
18.0
15.0
1000
600
30
MMK15 183K1000B04L4 BULK
B05
0.022 *
5.5
10.5
18.0
15.0
1000
600
30
MMK15 223K1000B04L4 BULK
B10
0.027 *
5.5
12.5
18.0
15.0
1000
600
30
MMK15 273K1000B05L4 BULK
B06
0.033 *
6.5
12.5
18.0
15.0
1000
500
30
MMK15 333K1000B10L4 BULK
B06
0.039 *
6.5
12.5
18.0
15.0
1000
500
30
MMK15 393K1000B10L4 BULK
B11
0.047 *
7.5
14.5
18.0
15.0
800
400
30
MMK15 473K1000B06L4 BULK
B11
0.056 *
7.5
14.5
18.0
15.0
800
400
30
MMK15 563K1000B06L4 BULK
---
0.068 *
8.5
16.0
18.0
15.0
600
400
30
MMK15 683K1000B11L4 BULK
---
0.082 *
9.5
17.5
18.0
15.0
500
350
30
MMK15 823K1000B14L4 BULK
---
0.10 *
9.5
17.5
18.0
15.0
500
350
30
MMK15 104K1000B14L4 BULK
---
LEAD SPACING 22.5 MM
0.033
6.5
14.5
26.0
22.5
234
15
MMK22,5 333K1000D13L4 TRAY
0.039
6.5
14.5
26.0
22.5
234
15
MMK22,5 393K1000D13L4 TRAY
0.047
6.5
14.5
26.0
22.5
234
15
MMK22,5 473K1000D13L4 TRAY
0.056
6.5
14.5
26.0
22.5
234
15
MMK22,5 563K1000D13L4 TRAY
0.068 *
6.5
14.5
26.0
22.5
234
15
MMK22,5 683K1000D13L4 TRAY D17
0.082 *
6.5
14.5
26.0
22.5
234
15
MMK22,5 823K1000D13L4 TRAY D14
0.10 *
6.5
14.5
26.0
22.5
234
15
MMK22,5 104K1000D13L4 TRAY D15
0.12 *
7.0
16.5
26.0
22.5
216
15
MMK22,5 124K1000D17L4 TRAY D15
0.15 *
7.0
16.5
26.0
22.5
216
15
MMK22,5 154K1000D17L4 TRAY D18
0.18 *
8.0
16.0
26.0
22.5
186
15
MMK22,5 184K1000D14L4 TRAY D16
0.22 *
9.0
18.5
26.0
22.5
168
15
MMK22,5 224K1000D15L4 TRAY ---
0.27 *
10.5
19.0
26.0
22.5
264
15
MMK22,5 274K1000D18L4 TRAY ---
0.33 *
11.0
21.5
26.0
22.5
253
15
MMK22,5 334K1000D16L4 TRAY ---
0.39 *
15.5
24.5
26.0
22.5
176
15
MMK22,5 394K1000D19L4 TRAY ---
0.47 *
15.5
24.5
26.0
22.5
176
15
MMK22,5 474K1000D19L4 TRAY ---
0.56 *
15.5
24.5
26.0
22.5
176
15
MMK22,5 564K1000D19L4 TRAY ---
LEAD SPACING 27.5 MM
0.15
10.5
20.5
31.5
27.5
216
12
MMK27,5 154K1000F11L4 TRAY
0.18
10.5
20.5
31.5
27.5
216
12
MMK27,5 184K1000F11L4 TRAY
0.22
10.5
20.5
31.5
27.5
216
12
MMK27,5 224K1000F11L4 TRAY
0.27
11.5
22.5
31.5
27.5
198
12
MMK27,5 274K1000F12L4 TRAY
0.33
14.5
24.5
31.5
27.5
153
12
MMK27,5 334K1000F13L4 TRAY
0.39
14.5
24.5
31.5
27.5
153
12
MMK27,5 394K1000F13L4 TRAY
0.47
17.5
28.0
31.5
27.5
126
12
MMK27,5 474K1000F14L4 TRAY
0.56
17.5
28.0
31.5
27.5
126
12
MMK27,5 564K1000F14L4 TRAY
LEAD SPACING 37.5 MM
0.47
13.0
24.0
41.0
37.5
140
10
MMK37,5 474K1000R05L4 TRAY
0.56
15.0
26.0
41.0
37.5
119
10
MMK37,5 564K1000R04L4 TRAY
0.68
15.0
26.0
41.0
37.5
119
10
MMK37,5 684K1000R04L4 TRAY
0.82
16.5
32.0
41.0
37.5
105
10
MMK37,5 824K1000R02L4 TRAY
1.0
19.0
36.0
41.0
37.5
91
10
MMK37,5 105K1000R03L4 TRAY
1.2
19.0
36.0
41.0
37.5
91
10
MMK37,5 125K1000R03L4 TRAY
1.5 *
21.0
38.0
41.0
37.5
84
10
MMK37,5 155K1000R06L4 TRAY ---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com