Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMK10 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MMK10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
38
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
250 VDC/160 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 7.5 MM
0.18 *
5.0
11.0
10.5
7.5
1000
1300
1500
30
MMK7,5 184K250K03L4 BULK
---
0.22 *
5.0
11.0
10.5
7.5
1000
1300
1500
30
MMK7,5 224K250K03L4 BULK
---
0.27 *
6.0
12.0
10.5
7.5
1000
1000
1200
30
MMK7,5 274K250K04L4 BULK
---
0.33 *
6.0
12.0
10.5
7.5
1000
1000
1200
30
MMK7,5 334K250K04L4 BULK
---
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
20
MMK10 102K250A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
20
MMK10 122K250A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
20
MMK10 152K250A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
20
MMK10 182K250A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
20
MMK10 222K250A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
20
MMK10 272K250A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
20
MMK10 332K250A01L4 BULK
0.0039
4.0
9.0
13.0
10.0
1000
900
20
MMK10 392K250A01L4 BULK
0.0047
4.0
9.0
13.0
10.0
1000
900
20
MMK10 472K250A01L4 BULK
0.0056
4.0
9.0
13.0
10.0
1000
900
20
MMK10 562K250A01L4 BULK
0.0068
4.0
9.0
13.0
10.0
1000
900
20
MMK10 682K250A01L4 BULK
0.0082
4.0
9.0
13.0
10.0
1000
900
20
MMK10 822K250A01L4 BULK
0.010
4.0
9.0
13.0
10.0
1000
900
20
MMK10 103K250A01L4 BULK
0.012
4.0
9.0
13.0
10.0
1000
900
20
MMK10 123K250A01L4 BULK
0.015
4.0
9.0
13.0
10.0
1000
900
20
MMK10 153K250A01L4 BULK
0.018
4.0
9.0
13.0
10.0
1000
900
20
MMK10 183K250A01L4 BULK
0.022
4.0
9.0
13.0
10.0
1000
900
20
MMK10 223K250A01L4 BULK
0.027
4.0
9.0
13.0
10.0
1000
900
20
MMK10 273K250A01L4 BULK
0.033
4.0
9.0
13.0
10.0
1000
900
20
MMK10 333K250A01L4 BULK
0.039
4.0
9.0
13.0
10.0
1000
900
20
MMK10 393K250A01L4 BULK
0.047
4.0
9.0
13.0
10.0
1000
900
20
MMK10 473K250A01L4 BULK
0.056
4.0
9.0
13.0
10.0
1000
900
20
MMK10 563K250A01L4 BULK
0.068
4.0
9.0
13.0
10.0
1000
900
20
MMK10 683K250A01L4 BULK
0.082 *
4.0
9.0
13.0
10.0
1000
900
20
MMK10 823K250A01L4 BULK
A03
0.10 *
4.0
9.0
13.0
10.0
1000
900
20
MMK10 104K250A01L4 BULK
A03
0.12 *
4.0
9.0
13.0
10.0
1000
900
20
MMK10 124K250A01L4 BULK
A03
0.15 *
4.0
9.0
13.0
10.0
1000
900
20
MMK10 154K250A01L4 BULK
---
0.18 *
4.0
9.0
13.0
10.0
1000
900
20
MMK10 184K250A01L4 BULK
---
0.22 *
4.5
10.5
13.0
10.0
1000
800
20
MMK10 224K250A02L4 BULK
---
0.27 *
5.0
11.0
13.0
10.0
800
700
20
MMK10 274K250A03L4 BULK
---
0.33 *
6.0
12.0
13.0
10.0
600
500
20
MMK10 334K250A04L4 BULK
---
0.39 *
6.0
12.0
13.0
10.0
600
500
20
MMK10 394K250A04L4 BULK
---
LEAD SPACING 15 MM
0.082
5.5
10.5
18.0
15.0
1000
600
12
MMK15 823K250B04L4 BULK
0.10
5.5
10.5
18.0
15.0
1000
600
12
MMK15 104K250B04L4 BULK
0.12
5.5
10.5
18.0
15.0
1000
600
12
MMK15 124K250B04L4 BULK
0.15
5.5
10.5
18.0
15.0
1000
600
12
MMK15 154K250B04L4 BULK
0.18
5.5
10.5
18.0
15.0
1000
600
12
MMK15 184K250B04L4 BULK
0.22
5.5
10.5
18.0
15.0
1000
600
12
MMK15 224K250B04L4 BULK
0.27 *
5.5
10.5
18.0
15.0
1000
600
12
MMK15 274K250B04L4 BULK
B10
0.33 *
5.5
10.5
18.0
15.0
1000
600
12
MMK15 334K250B04L4 BULK
B10
0.39 *
5.5
10.5
18.0
15.0
1000
600
12
MMK15 394K250B04L4 BULK
B06
0.47 *
5.5
12.5
18.0
15.0
1000
600
12
MMK15 474K250B05L4 BULK
B06
0.56 *
6.5
12.5
18.0
15.0
1000
500
12
MMK15 564K250B10L4 BULK
B06
0.68 *
6.5
12.5
18.0
15.0
1000
500
12
MMK15 684K250B10L4 BULK
B06
0.82 *
7.5
14.5
18.0
15.0
800
400
12
MMK15 824K250B06L4 BULK
B12
1.0 *
7.5
14.5
18.0
15.0
800
400
12
MMK15 105K250B06L4 BULK
B11
1.2 *
8.0
15.0
18.0
15.0
600
400
12
MMK15 125K250B12L4 BULK
---
1.5 *
9.5
17.5
18.0
15.0
500
350
12
MMK15 155K250B14L4 BULK
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com