Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMK10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMK10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
27
MMK
Minimum values between terminals.
Measured at +20°C, according to IEC 60384-2.
C
≤ 0.33 µF
C > 0.33 µF
U
R ≤ 100V
15000 M
Ω
5000 s
U
R > 100V
30000 M
Ω
10000 s
Maximum values at +23°C
C
≤ 0.1 µF 0.1 µF < C ≤ 1.0 µF
C > 1.0 µF
MMK5
1 kHz
0.8%
0.8%
0.8%
10 kHz
1.2%
1.2%
1.5%
100 kHz
2.5%
3.0%
MMK7.5 ... 37.5
1 kHz
0.8%
0.8%
1.0%
10 kHz
1.5%
1.5%
100 kHz
3.0%
MMK
Dissipation factor tan
δ
Insulation resistance
TYPICAL DATA
Capacitance vs.
temperature (at 1 kHz)
Capacitance vs.
frequency (at +23°C)
Insulation resistance vs.
temperature
Dissipation factor vs.
temperature
Dissipation factor vs.
frequency (at +23°C)
Resonance frequencies
MMK 5
Resonance frequencies
MMK7.5 ... 37.5
C/C%
+1
0.1
1.0
10
100 kHz
0
–1
–2
C/C%
+10
–50 –25
0
+25 +50 +75 +100
C
+5
0
–5
tan
δ %
10
0.1
1.0
10
100 kHz
1
0.1
tan
δ %
100 kHz
1 kHz
10 kHz
2
–50 –25
0
+25 +50 +75 +100
C
1.5
1
0.5
M • µF
105
104
–50 –25
0
+25 +50 +75 +100
C
Z ( )
10
0.1
1.0
10
100 MHz
1.0
0.1
0.01
Z ( )
10
0.1
1.0
10
100 MHz
1.0
0.1
0.01
TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com