Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI7C8152
Description  ENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C8152 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PI7C8152A
ENHANCED 2-PORT PCI-to-PCI BRIDGE
INTEL 21152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.1 – JUNE 2004
Page 1 of 3
FEATURE COMPARISON: PI7C8152A vs. INTEL 21152
Features:
Feature
Pericom PI7C8152A
Intel 21152
Interfaces
! Complies with the following specifications:
PCI Local Bus Specification
PCI-to-PCI Bridge Specification
PCI Bus Power Management Interface Specification
! 3.3V and 5V signaling environments
! Concurrent primary and secondary bus operations
! 66MHz support
Revision 2.2
Revision 1.1
Revision 1.0
yes
yes
yes
Revision 2.2
Revision 1.1
Revision 1.0
yes
yes
no
Memory Buffer Architecture
! Dynamic Prefetching Control
! Posted memory write commands in each direction
! Read data buffer in each direction
yes
128 bytes
256 bytes
no
88 bytes
72 bytes
Bus Arbitration
! Programmable internal arbiter for the secondary bus
with support for up to 4 external masters
! Disable control for use of an external arbiter
yes
yes
yes
yes
IEEE 1149.1 JTAG port
! Available boundary scan testing
no
no
Packaging
! 160-pin QFP
! Extended commercial temp range: 0°C to 85°C
yes
yes
yes
no (0°C to 70°C)
Pin differences (160-pin QFP):
pin number
Pericom PI7C8152A
Intel 21152
62
SCAN_EN
NAND_OUT
63
SCAN_TM_L
GOZ_L
Register differences:
Pericom PI7C8152A
Intel 21152
Vendor ID
12D8h
1011h
Device ID
8152h
0024h


Similar Part No. - PI7C8152

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8152A PERICOM-PI7C8152A Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8152AMA PERICOM-PI7C8152AMA Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8152B PERICOM-PI7C8152B Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8152BMA PERICOM-PI7C8152BMA Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
More results

Similar Description - PI7C8152

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
2-Port PCI-to-PCI Bridge
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
2-PORT PCI-X TO PCI-X BRIDGE
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
2-PORT PCI-to-PCI BRIDGE
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
2-Port PCI-to-PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
2-Port PCI-to-PCI Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com