Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI7C8152
Description  ENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI7C8152 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PI7C8152A
ENHANCED 2-PORT PCI-to-PCI BRIDGE
INTEL 21152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.1 – JUNE 2004
Page 3 of 3
TEST CASE 3
Motherboard:
ASUS P4G8X
Chipset:
Intel E7205
Processor:
Intel Pentium 4 1.8GHz with 533/400MHz Front Side Bus
Memory:
256MB PC2100 DDR
Video:
ATI Rage XL PCI
Other PCI Devices:
No other PCI devices active
OS:
Windows 2000
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
PI7C8152A
Intel 21152
LAN Card 1
16 Mb/s
10 Mb/s
LAN Card 2
22 Mb/s
12 Mb/s
LAN Card 3
15 Mb/s
10 Mb/s
LAN Card 4
21 Mb/s
11 Mb/s
TEST CASE 4
Motherboard:
Super Micro P4QH6
Chipset:
ServerWorks Grand Champion HE
Processor:
Intel Xeon 2.8GHz with 400MHz Front Side Bus
Memory:
256MB ECC DDR
Video:
ATI Rage XL
Other PCI Devices:
No other PCI devices active
OS:
Windows 2000
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
PI7C8152A
Intel 21152
LAN Card 1
73 Mb/s
29 Mb/s
LAN Card 2
92 Mb/s
47 Mb/s
LAN Card 3
93 Mb/s
51 Mb/s
LAN Card 4
93 Mb/s
58 Mb/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com