Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI7C8152
Description  ENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI7C8152 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8152 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PI7C8152A
ENHANCED 2-PORT PCI-to-PCI BRIDGE
INTEL 21152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.1 – JUNE 2004
Page 2 of 3
PERFORMANCE COMPARISON: PI7C8152A vs. INTEL 21152
The performance data was measured using an in-house evaluation board slotted into an off-the-shelf
motherboard. Fast Ethernet (100Mbit LAN) Cards reside in each of the 4 PCI slots on the secondary bus of
the evaluation board. In each comparison, the hardware and software remain constant. The only item
changed is the bridge on the evaluation board. Two different sets of hardware were used, and the
description of each fixture is listed. In each test setup, a PCI exerciser program is used to generate traffic
or write packets from the PCI Fast Ethernet card to memory and then read back from memory to the PCI
Fast Ethernet card.
TEST CASE 1
Motherboard:
Tyan S2460
Chipset:
AMD 760DDR
Processor:
AMD Athlon 1.8GHz with 266MHz Front Side Bus
Memory:
256MB PC2100 DDR
Video:
ATI Radeon 7000 AGP card
Other PCI Devices:
No other PCI devices active
OS:
Windows 2000
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
PI7C8152A
Intel 21152
LAN Card 1
88 Mb/s
79 Mb/s
LAN Card 2
64 Mb/s
23 Mb/s
LAN Card 3
91 Mb/s
34 Mb/s
LAN Card 4
88 Mb/s
72 Mb/s
TEST CASE 2
Motherboard:
Super Micro X5DL8-GG
Chipset:
ServerWorks Grand Champion HE
Processor:
Intel Xeon 2.8GHz with 533/400MHz Front Side Bus
Memory:
256MB 266DDR SDRAM
Video:
On-board ATI Rage XL 8MB
Other PCI Devices:
No other PCI devices active
OS:
Windows 2000
A Fast Ethernet card running full duplex is slotted in each of the 4 PCI slots on the evaluation board.
Results: Transfer rate measured in Megabits per second
Card Number
PI7C8152A
Intel 21152
LAN Card 1
75 Mb/s
31 Mb/s
LAN Card 2
93 Mb/s
51 Mb/s
LAN Card 3
94 Mb/s
54 Mb/s
LAN Card 4
95 Mb/s
60 Mb/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com