Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2733
Description  0.6/1.6 MHz Boost Converters With 40V Internal FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2733 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2733 Datasheet HTML 1Page - National Semiconductor (TI) LM2733 Datasheet HTML 2Page - National Semiconductor (TI) LM2733 Datasheet HTML 3Page - National Semiconductor (TI) LM2733 Datasheet HTML 4Page - National Semiconductor (TI) LM2733 Datasheet HTML 5Page - National Semiconductor (TI) LM2733 Datasheet HTML 6Page - National Semiconductor (TI) LM2733 Datasheet HTML 7Page - National Semiconductor (TI) LM2733 Datasheet HTML 8Page - National Semiconductor (TI) LM2733 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Block Diagram
20055403
Theory of Operation
The LM2733 is a switching converter IC that operates at a
fixed frequency (0.6 or 1.6 MHz) using current-mode control
for fast transient response over a wide input voltage range
and incorporate pulse-by-pulse current limiting protection.
Because this is current mode control, a 50 m
Ω sense resis-
tor in series with the switch FET is used to provide a voltage
(which is proportional to the FET current) to both the input of
the pulse width modulation (PWM) comparator and the cur-
rent limit amplifier.
At the beginning of each cycle, the S-R latch turns on the
FET. As the current through the FET increases, a voltage
(proportional to this current) is summed with the ramp com-
ing from the ramp generator and then fed into the input of the
PWM comparator. When this voltage exceeds the voltage on
the other input (coming from the Gm amplifier), the latch
resets and turns the FET off. Since the signal coming from
the Gm amplifier is derived from the feedback (which
samples the voltage at the output), the action of the PWM
comparator constantly sets the correct peak current through
the FET to keep the output volatge in regulation.
Q1 and Q2 along with R3 - R6 form a bandgap voltage
reference used by the IC to hold the output in regulation. The
currents flowing through Q1 and Q2 will be equal, and the
feedback loop will adjust the regulated output to maintain
this. Because of this, the regulated output is always main-
tained at a voltage level equal to the voltage at the FB node
"multiplied up" by the ratio of the output resistive divider.
The current limit comparator feeds directly into the flip-flop,
that drives the switch FET. If the FET current reaches the
limit threshold, the FET is turned off and the cycle terminated
until the next clock pulse. The current limit input terminates
the pulse regardless of the status of the output of the PWM
comparator.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com