Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2733
Description  0.6/1.6 MHz Boost Converters With 40V Internal FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2733 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2733 Datasheet HTML 1Page - National Semiconductor (TI) LM2733 Datasheet HTML 2Page - National Semiconductor (TI) LM2733 Datasheet HTML 3Page - National Semiconductor (TI) LM2733 Datasheet HTML 4Page - National Semiconductor (TI) LM2733 Datasheet HTML 5Page - National Semiconductor (TI) LM2733 Datasheet HTML 6Page - National Semiconductor (TI) LM2733 Datasheet HTML 7Page - National Semiconductor (TI) LM2733 Datasheet HTML 8Page - National Semiconductor (TI) LM2733 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2733
0.6/1.6 MHz Boost Converters With 40V Internal FET
Switch in SOT-23
General Description
The LM2733 switching regulators are current-mode boost
converters operating fixed frequency of 1.6 MHz (“X” option)
and 600 kHz (“Y” option).
The use of SOT-23 package, made possible by the minimal
power loss of the internal 1A switch, and use of small induc-
tors and capacitors result in the industry’s highest power
density. The 40V internal switch makes these solutions per-
fect for boosting to voltages of 16V or greater.
These parts have a logic-level shutdown pin that can be
used to reduce quiescent current and extend battery life.
Protection is provided through cycle-by-cycle current limiting
and thermal shutdown. Internal compensation simplifies de-
sign and reduces component count.
Switch Frequency
XY
1.6 MHz
0.6 MHz
Features
n
40V DMOS FET switch
n
1.6 MHz (“X”), 0.6 MHz (“Y”) switching frequency
n
Low R
DS(ON) DMOS FET
n
Switch current up to 1A
n
Wide input voltage range (2.7V–14V)
n
Low shutdown current (<1 µA)
n
5-Lead SOT-23 package
n
Uses tiny capacitors and inductors
n
Cycle-by-cycle current limiting
n
Internally compensated
Applications
n
White LED Current Source
n
PDA’s and Palm-Top Computers
n
Digital Cameras
n
Portable Phones and Games
n
Local Boost Regulator
Typical Application Circuit
20055424
20055457
20055401
20055458
February 2003
© 2003 National Semiconductor Corporation
DS200554
www.national.com


Similar Part No. - LM2733

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733 TI-LM2733 Datasheet
1Mb / 22P
40V DMOS FET Switch, 1.6 MHz (?쏼??, 0.6 MHz (?쏽?? Switching Frequency
LM2733 TI-LM2733 Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733 TI-LM2733 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2733 TI2-LM2733 Datasheet
1,004Kb / 27P
LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
REVISED MAY 2019
More results

Similar Description - LM2733

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
1.6 MHz Boost Converter With 30V Internal FET Switch
logo
National Semiconductor ...
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com