Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2733
Description  0.6/1.6 MHz Boost Converters With 40V Internal FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2733 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2733 Datasheet HTML 5Page - National Semiconductor (TI) LM2733 Datasheet HTML 6Page - National Semiconductor (TI) LM2733 Datasheet HTML 7Page - National Semiconductor (TI) LM2733 Datasheet HTML 8Page - National Semiconductor (TI) LM2733 Datasheet HTML 9Page - National Semiconductor (TI) LM2733 Datasheet HTML 10Page - National Semiconductor (TI) LM2733 Datasheet HTML 11Page - National Semiconductor (TI) LM2733 Datasheet HTML 12Page - National Semiconductor (TI) LM2733 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Hints (Continued)
The maximum peak switch current the device can deliver is
dependent on duty cycle. The minimum value is guaranteed
to be > 1A at duty cycle below 50%. For higher duty cycles,
see Typical performance Characteristics curves.
THERMAL CONSIDERATIONS
At higher duty cycles, the increased ON time of the FET
means the maximum output current will be determined by
power dissipation within the LM2733 FET switch. The switch
power dissipation from ON-state conduction is calculated by:
P
(SW) =DCxIIND(AVE)
2 xR
DSON
There will be some switching losses as well, so some derat-
ing needs to be applied when calculating IC power dissipa-
tion.
MINIMUM INDUCTANCE
In some applications where the maximum load current is
relatively small, it may be advantageous to use the smallest
possible inductance value for cost and size savings. The
converter will operate in discontinuous mode in such a case.
The minimum inductance should be selected such that the
inductor (switch) current peak on each cycle does not reach
the 1A current limit maximum. To understand how to do this,
an example will be presented.
In the example, the LM2733X will be used (nominal switch-
ing frequency 1.6 MHz, minimum switching frequency
1.15 MHz). This means the maximum cycle period is the
reciprocal of the minimum frequency:
T
ON(max) = 1/1.15M = 0.870 µs
We will assume the input voltage is 5V, V
OUT = 12V, VSW =
0.2V, V
DIODE = 0.3V. The duty cycle is:
Duty Cycle = 60.3%
Therefore, the maximum switch ON time is 0.524 µs. An
inductor should be selected with enough inductance to pre-
vent the switch current from reaching 1A in the 0.524 µs ON
time interval (see below):
20055413
Discontinuous Design, 5V–12V Boost (LM2733X)
The voltage across the inductor during ON time is 4.8V.
Minimum inductance value is found by:
V = L X dl/dt, L = V X (dt/dl) = 4.8 (0.524µ/1) = 2.5 µH
In this case, a 2.7 µH inductor could be used assuming it
provided at least that much inductance up to the 1A current
value. This same analysis can be used to find the minimum
inductance for any boost application. Using the slower
switching “Y” version requires a higher amount of minimum
inductance because of the longer switching period.
INDUCTOR SUPPLIERS
Some of the recommended suppliers of inductors for this
product include, but not limited to are Sumida, Coilcraft,
Panasonic, TDK and Murata. When selecting an inductor,
make certain that the continuous current rating is high
enough to avoid saturation at peak currents. A suitable core
type must be used to minimize core (switching) losses, and
wire power losses must be considered when selecting the
current rating.
SHUTDOWN PIN OPERATION
The device is turned off by pulling the shutdown pin low. If
this function is not going to be used, the pin should be tied
directly to V
IN. If the SHDN function will be needed, a pull-up
resistor must be used to V
IN (approximately 50k-100k
Ω rec-
ommended). The SHDN pin must not be left unterminated.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com