Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2765 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2765
Description  Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2765 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2765 Datasheet HTML 1Page - National Semiconductor (TI) LM2765 Datasheet HTML 2Page - National Semiconductor (TI) LM2765 Datasheet HTML 3Page - National Semiconductor (TI) LM2765 Datasheet HTML 4Page - National Semiconductor (TI) LM2765 Datasheet HTML 5Page - National Semiconductor (TI) LM2765 Datasheet HTML 6Page - National Semiconductor (TI) LM2765 Datasheet HTML 7Page - National Semiconductor (TI) LM2765 Datasheet HTML 8Page - National Semiconductor (TI) LM2765 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Information (Continued)
TABLE 1. Low ESR Capacitor Manufacturers (Continued)
Manufacturer
Phone
Website
Capacitor Type
Murata
(800)-831-9172
www.murata.com
Ceramic chip capacitors
Taiyo Yuden
(800)-348-2496
www.t-yuden.com
Ceramic chip capacitors
Tokin
(408)-432-8020
www.tokin.com
Ceramic chip capacitors
Other Applications
Paralleling Devices
Any number of LM2765s can be paralleled to reduce the out-
put resistance. Each device must have its own pumping ca-
pacitor C
1, while only one output capacitor Cout is needed as
shown in Figure 3. The composite output resistance is:
Cascading Devices
Cascading the LM2765s is an easy way to produce a greater
voltage (A two-stage cascade circuit is shown in Figure 4).
The effective output resistance is equal to the weighted sum
of each individual device:
R
out = 1.5Rout_1 +Rout_2
Note that increasing the number of cascading stages is prac-
itically limited since it significantly reduces the efficiency, in-
creases the output resistance and output voltage ripple.
DS101281-19
FIGURE 3. Lowering Output Resistance by Paralleling Devices
DS101281-20
FIGURE 4. Increasing Output Voltage by Cascading Devices
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com