Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2765 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2765
Description  Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2765 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2765 Datasheet HTML 1Page - National Semiconductor (TI) LM2765 Datasheet HTML 2Page - National Semiconductor (TI) LM2765 Datasheet HTML 3Page - National Semiconductor (TI) LM2765 Datasheet HTML 4Page - National Semiconductor (TI) LM2765 Datasheet HTML 5Page - National Semiconductor (TI) LM2765 Datasheet HTML 6Page - National Semiconductor (TI) LM2765 Datasheet HTML 7Page - National Semiconductor (TI) LM2765 Datasheet HTML 8Page - National Semiconductor (TI) LM2765 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2765
Switched Capacitor Voltage Converter
General Description
The LM2765 CMOS charge-pump voltage converter oper-
ates as a voltage doubler for an input voltage in the range of
+1.8V to +5.5V. Two low cost capacitors and a diode are
used in this circuit to provide up to 20 mA of output current.
The LM2765 operates at 50 kHz switching frequency to re-
duce output resistance and voltage ripple. With an operating
current of only 130 µA (operating efficiency greater than 90%
with most loads) and 0.1µA typical shutdown current, the
LM2765 provides ideal performance for battery powered
systems. The device is manufactured in a SOT-23-6 pack-
age.
Features
n
Doubles Input Supply Voltage
n
SOT23-6 Package
n
20
Ω Typical Output Impedance
n
90% Typical Conversion Efficiency at 20 mA
n
0.1µA Typical Shutdown Current
Applications
n
Cellular Phones
n
Pagers
n
PDAs
n
Operational Amplifier Power Supplies
n
Interface Power Supplies
n
Handheld Instruments
Basic Application Circuits
Connection Diagram
Ordering Information
Order Number
Package
Number
Package
Marking
Supplied as
LM2765M6
MA06A
S15B (Note 1)
Tape and Reel (1000 units/reel)
LM2765M6X
MA06A
S15B (Note 1)
Tape and Reel (3000 units/reel)
Note 1: The small physical size of the SOT-23 package does not allow for the full part number marking. Devices will be marked with the designation shown in
the column Package Marking.
Voltage Doubler
DS101281-1
6-Lead SOT (M6)
DS101281-13
Top View With Package Marking
DS101281-22
Actual Size
March 2000
© 2000 National Semiconductor Corporation
DS101281
www.national.com


Similar Part No. - LM2765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2765 TI-LM2765 Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
LM2765 TI2-LM2765 Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
LM2765M6X/NOPB TI-LM2765M6X/NOPB Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
LM2765M6X/NOPB TI2-LM2765M6X/NOPB Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
LM2765M6X/NOPB.A TI2-LM2765M6X/NOPB.A Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
More results

Similar Description - LM2765

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com