Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2765 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2765
Description  Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2765 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2765 Datasheet HTML 1Page - National Semiconductor (TI) LM2765 Datasheet HTML 2Page - National Semiconductor (TI) LM2765 Datasheet HTML 3Page - National Semiconductor (TI) LM2765 Datasheet HTML 4Page - National Semiconductor (TI) LM2765 Datasheet HTML 5Page - National Semiconductor (TI) LM2765 Datasheet HTML 6Page - National Semiconductor (TI) LM2765 Datasheet HTML 7Page - National Semiconductor (TI) LM2765 Datasheet HTML 8Page - National Semiconductor (TI) LM2765 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Description
Pin
Name
Function
1
V+
Power supply positive voltage input.
2
GND
Power supply ground input.
3
CAP−
Connect this pin to the negative terminal of the charge-pump
capacitor.
4
SD
Shutdown control pin, tie this pin to ground in normal operation.
5V
OUT
Positive voltage output.
6
CAP+
Connect this pin to the positive terminal of the charge-pump
capacitor.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com