Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN025 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDLN025
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDLN025 Datasheet HTML 3Page - STMicroelectronics LDLN025 Datasheet HTML 4Page - STMicroelectronics LDLN025 Datasheet HTML 5Page - STMicroelectronics LDLN025 Datasheet HTML 6Page - STMicroelectronics LDLN025 Datasheet HTML 7Page - STMicroelectronics LDLN025 Datasheet HTML 8Page - STMicroelectronics LDLN025 Datasheet HTML 9Page - STMicroelectronics LDLN025 Datasheet HTML 10Page - STMicroelectronics LDLN025 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LDLN025
Electrical characteristics
DocID029566 Rev 4
7/22
5
Electrical characteristics
(TJ = 25 °C, VIN = VOUT(nom) + 1 V or 1.5 V, whichever is greater; VEN = 1.2 V; CIN
= 1 μF;
COUT
= 1 μF; IOUT = 1 mA)
Table 4: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage range
1.5
5.5
V
VOUT
Output voltage
accuracy
VOUT + 1 V(1) < VIN < 5.5 V,
1 mA < IOUT < 0.25 A,
VOUT
≥ 1.8 V,
-40 °C < TJ < 125 °C
-2.0
2.0
%
VOUT + 1 V(1) < VIN < 5.5 V,
1 mA < IOUT < 0.25 A,
VOUT < 1.8 V,
-40 °C < TJ < 125 °C
-3.0
+3.0
∆VOUT/∆VIN
Static line regulation
VOUT + 1 V(1) < VIN < 5.5 V
0.02
%/V
-40 °C < TJ < 125 °C
0.06
Line transient(2)
∆VIN = +/- 0.6 V,
trise = tfall
= 30 μs
-1
+1
mV
∆VOUT/∆IOUT
Static load
regulation
1 mA < IOUT < 0.25 A
0.002
%/mA
-40 °C < TJ < 125 °C
0.007
Load transient(2)
∆IOUT = 1 mA to 250 mA and
back, trise = tfall
= 10 μs
-40
+40
mV
∆VOUT
Overshoot on
startup(2)
Percentage of VOUT(nom)
5
%
VDROP
Dropout voltage(3)
IOUT = 0.1 A
50
mV
IOUT = 0.25 A
120
IOUT = 0.25 A,
-40 °C < TJ < 125 °C
(Flip-Chip4)
200
IOUT = 0.25 A,
-40 °C < TJ < 125 °C
(DFN4-1x1)
250
eN
Output noise
voltage (2)
f = 10 Hz to 100 kHz;
IOUT = 1 mA
10
µVRMS
f = 10 Hz to 100 kHz;
IOUT = 250 mA
6.5
SVR
Supply voltage
rejection(2)
f = 100 Hz; IOUT = 20 mA
80
dB
f = 1 kHz; IOUT = 20 mA
80
f = 10 kHz; IOUT = 20 mA
75
f = 100 kHz; IOUT = 20 mA
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com