Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN025 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LDLN025
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LDLN025 Datasheet HTML 14Page - STMicroelectronics LDLN025 Datasheet HTML 15Page - STMicroelectronics LDLN025 Datasheet HTML 16Page - STMicroelectronics LDLN025 Datasheet HTML 17Page - STMicroelectronics LDLN025 Datasheet HTML 18Page - STMicroelectronics LDLN025 Datasheet HTML 19Page - STMicroelectronics LDLN025 Datasheet HTML 20Page - STMicroelectronics LDLN025 Datasheet HTML 21Page - STMicroelectronics LDLN025 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ordering information
LDLN025
20/22
DocID029566 Rev 4
8
Ordering information
Table 8: Order code
Order code
Package
Output voltage
Marking
Packing
LDLN025PU18R
DFN4-1x1
1.8 V
18
Tape and reel
LDLN025PU25R
2.5 V
25
LDLN025PU275R
2.75 V
2Z
LDLN025PU28R
2.8 V
28
LDLN025PU29R
2.9 V
29
LDLN025PU30R
3.0 V
30
LDLN025PU32R
3.2 V
32
LDLN025PU33R
3.3 V
33
LDLN025PU50R
5.0 V
50
LDLN025J12R
Flip-Chip4
1.2 V
M
LDLN025J18R
1.8 V
E
LDLN025J25R
2.5 V
H
LDLN025J28R
2.8 V
I
LDLN025J2925R
2.925 V
K
LDLN025J30R
3.0 V
G
LDLN025J32R
3.2 V
N
LDLN025J33R
3.3 V
F
LDLN025J50R
5.0 V
P
8.1
Marking information
Figure 33: Flip-Chip marking composition (marking view)
the symbol # indicates the marking digit, as per Table 8: "Order code".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com