Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN025 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LDLN025
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LDLN025 Datasheet HTML 14Page - STMicroelectronics LDLN025 Datasheet HTML 15Page - STMicroelectronics LDLN025 Datasheet HTML 16Page - STMicroelectronics LDLN025 Datasheet HTML 17Page - STMicroelectronics LDLN025 Datasheet HTML 18Page - STMicroelectronics LDLN025 Datasheet HTML 19Page - STMicroelectronics LDLN025 Datasheet HTML 20Page - STMicroelectronics LDLN025 Datasheet HTML 21Page - STMicroelectronics LDLN025 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LDLN025
Package information
DocID029566 Rev 4
19/22
Table 7: DFN4-1x1 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.36
0.40
A1
0.00
0.05
A2
0.15
0.25
0.35
A3
0.125
b
0.15
0.20
0.25
D
0.95
1.00
1.05
D2
0.38
0.48
0.58
e
0.65
E
0.95
1.00
1.05
E2
0.38
0.48
0.58
L
0.15
0.25
0.35
K
0.15
N
4
7.4
DFN4-1x1 packing information
Figure 32: DFN4 (1x1x0.38 pitch 4 mm) carrier tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com