Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3US Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM6DS3US
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3US Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM6DS3US Datasheet HTML 11Page - STMicroelectronics LSM6DS3US Datasheet HTML 12Page - STMicroelectronics LSM6DS3US Datasheet HTML 13Page - STMicroelectronics LSM6DS3US Datasheet HTML 14Page - STMicroelectronics LSM6DS3US Datasheet HTML 15Page - STMicroelectronics LSM6DS3US Datasheet HTML 16Page - STMicroelectronics LSM6DS3US Datasheet HTML 17Page - STMicroelectronics LSM6DS3US Datasheet HTML 18Page - STMicroelectronics LSM6DS3US Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
DocID028476 Rev 4
15/104
LSM6DS3US
Overview
104
1
Overview
The LSM6DS3US is a system-in-package featuring a high-performance 3-axis digital
accelerometer and 3-axis digital gyroscope.
The integrated power-efficient modes are able to reduce the power consumption down to
1.1 mA in high-performance mode, combining always-on low-power features with superior
sensing precision for an optimal motion experience for the consumer thanks to ultra-low
noise performance for both the gyroscope and accelerometer.
The LSM6DS3US delivers best-in-class motion sensing that can detect orientation and
gestures in order to empower application developers and consumers with features and
capabilities that are more sophisticated than simply orienting their devices to portrait and
landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, tap and
double-tap sensing, activity or inactivity, and wakeup events.
The LSM6DS3US supports main OS requirements, offering real, virtual and batch mode
sensors. In addition, the LSM6DS3US can efficiently run the sensor-related features
specified in Android, saving power and enabling faster reaction time. In particular, the
LSM6DS3US has been designed to implement hardware features such as significant
motion, tilt, pedometer functions, timestamping and to support the data acquisition of an
external magnetometer with ironing correction (hard, soft).
The LSM6DS3US offers hardware flexibility to connect the pins with different mode
connections to external sensors to expand functionalities such as adding a sensor hub,
auxiliary SPI, etc. The application processor connection is supported by both SPI and I2C
interfaces for complete interface flexibility.
Up to 8 kbyte of FIFO [4 kbyte FIFO + flexible 4 kbyte (FIFO or programmable)] with
dynamic allocation of significant data (i.e. external sensors, timestamp, etc.) allows overall
power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DS3US leverages the robust
and mature in-house manufacturing processes already used for the production of
micromachined accelerometers and gyroscopes. The various sensing elements are
manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the sensing element.
The LSM6DS3US is available in a small plastic land grid array (LGA) package of
2.5 x 3.0 x 0.83 mm to address ultra-compact solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com