Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3US Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DS3US
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3US Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DS3US Datasheet HTML 1Page - STMicroelectronics LSM6DS3US Datasheet HTML 2Page - STMicroelectronics LSM6DS3US Datasheet HTML 3Page - STMicroelectronics LSM6DS3US Datasheet HTML 4Page - STMicroelectronics LSM6DS3US Datasheet HTML 5Page - STMicroelectronics LSM6DS3US Datasheet HTML 6Page - STMicroelectronics LSM6DS3US Datasheet HTML 7Page - STMicroelectronics LSM6DS3US Datasheet HTML 8Page - STMicroelectronics LSM6DS3US Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
This is information on a product in full production.
April 2016
DocID028476 Rev 4
1/104
LSM6DS3US
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Power consumption: 0.85 mA in combo normal
mode and 1.1 mA in combo high-performance mode
up to 1.6 kHz.
 “Always-on” experience with low power
consumption for both accelerometer and gyroscope
 Interface flexibility: selectable SPI (3/4-wire) or I2C
with the main processor
 Auxiliary SPI (3-wire) to support OIS applications
 EIS/OIS support
 Accelerometer ODR up to 6.66 kHz
 Gyroscope ODR up to 3.33 kHz
 Smart FIFO
 ±2/±4/±8/±16 g full scale
 ±125/±245/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IOs supply (1.62 V)
 Compact footprint, 2.5 mm x 3 mm x 0.83 mm
 SPI/I2C serial interface data synchronization feature
 Embedded temperature sensor
 ECOPACK®, RoHS and “Green” compliant
Applications
 EIS and OIS for camera applications
 Collecting sensor data
 Motion tracking and gesture detection
 Pedometer, step detector and step counter
 Significant motion and tilt functions
 Indoor navigation
 IoT and connected devices
 Vibration monitoring and compensation
Description
The LSM6DS3US is a system-in-package featuring a
3D digital accelerometer and a 3D digital gyroscope
performing at 1.1 mA (up to 1.6 kHz ODR) in high-
performance mode and enabling always-on low-power
features for an optimal motion experience for the
consumer.
The LSM6DS3US supports main OS requirements,
offering real, virtual and batch sensors with 4 kbyte
FIFO + flexible 4 kbyte (FIFO or programmable) for
dynamic data batching.
The LSM6DS3US gyroscope supports both OIS/EIS
applications. The device can be connected to the
camera module through a dedicated auxiliary SPI
(Mode 3) while flexibility for the primary interface is
available (I2C/SPI).
ST’s family of MEMS sensor modules leverages the
robust and mature manufacturing processes already
used for the production of micromachined
accelerometers and gyroscopes.
The various sensing elements are manufactured using
specialized micromachining processes, while the IC
interfaces are developed using CMOS technology that
allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the
sensing element.
The LSM6DS3US has a full-scale acceleration range of
±2/±4/±8/±16 g and an angular rate range of
±125/±245/±500/±1000/±2000 dps.
High robustness to mechanical shock makes the
LSM6DS3US the preferred choice of system designers
for the creation and manufacturing of reliable products.
The LSM6DS3US is available in a plastic land grid
array (LGA) package.
LGA-14L
(2.5 x 3 x 0.83 mm) typ.
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DS3USTR -40 to +85
LGA-14L
(2.5 x 3 x 0.83 mm)
Tape &
Reel
www.st.com


Similar Part No. - LSM6DS3US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
More results

Similar Description - LSM6DS3US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com