Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3US Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM6DS3US
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3US Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM6DS3US Datasheet HTML 12Page - STMicroelectronics LSM6DS3US Datasheet HTML 13Page - STMicroelectronics LSM6DS3US Datasheet HTML 14Page - STMicroelectronics LSM6DS3US Datasheet HTML 15Page - STMicroelectronics LSM6DS3US Datasheet HTML 16Page - STMicroelectronics LSM6DS3US Datasheet HTML 17Page - STMicroelectronics LSM6DS3US Datasheet HTML 18Page - STMicroelectronics LSM6DS3US Datasheet HTML 19Page - STMicroelectronics LSM6DS3US Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Embedded low-power features
LSM6DS3US
16/104
DocID028476 Rev 4
2
Embedded low-power features
The LSM6DS3US has been designed to be fully compliant with Android, featuring the
following on-chip functions:
 8 kbyte data buffering
–
4 kbyte FIFO + flexible 4 kbyte (FIFO or programmable)
–
100% efficiency with flexible configurations and partitioning
–
possibility to store timestamp
 Event-detection interrupts (fully configurable):
–
free-fall
–
wakeup
–
6D orientation
–
tap and double-tap sensing
–
activity / inactivity recognition
 Specific IP blocks with negligible power consumption and high-performance:
–
pedometer functions: step detector and step counters
–
tilt (Android compliant, refer to Section 2.1: Tilt detection for additional info
–
significant motion (Android compliant)
Sensor hub
–
up to 6 total sensors: 2 internal (accelerometer and gyroscope) and 4 external
sensors
 Data rate synchronization with external trigger for reduced sensor access and enhanced
fusion
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware
using only the accelerometer to achieve both the targets of ultra-low power consumption
and robustness during the short duration of dynamic accelerations.
It is based on a trigger of an event each time the device's tilt changes by an angle greater
than 35 degrees from the start position.
The tilt function can be used with different scenarios, for example:
a)
Trigger when phone is in a front pants pocket and the user goes from sitting to
standing or standing to sitting;
b)
Doesn’t trigger when phone is in a front pants pocket and the user is walking,
running or going upstairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com