Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D25R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LDL112D25R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D25R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LDL112D25R Datasheet HTML 9Page - STMicroelectronics LDL112D25R Datasheet HTML 10Page - STMicroelectronics LDL112D25R Datasheet HTML 11Page - STMicroelectronics LDL112D25R Datasheet HTML 12Page - STMicroelectronics LDL112D25R Datasheet HTML 13Page - STMicroelectronics LDL112D25R Datasheet HTML 14Page - STMicroelectronics LDL112D25R Datasheet HTML 15Page - STMicroelectronics LDL112D25R Datasheet HTML 16Page - STMicroelectronics LDL112D25R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LDL112
Typical performance characteristics
DocID026319 Rev 2
13/32
Figure 17: Dropout voltage vs load current
Figure 18: Short-circuit current vs input
voltage
Figure 19: Enable thresholds vs temperature
Figure 20: SVR vs frequency
Figure 21: Output noise spectral density
Figure 22: Stability plan vs Cout, ESR
AM14052V1
V
O U T = VAD J , T = 2 5 ° C
0
50
100
150
200
250
300
350
400
10
210
410
610
810
1010
Load current [mA]
AM14053V1
V
OUT=3.3V, T=25°C
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
Input voltage [V]
AM14054V1
VIN=3.8V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
Low
Hi
AM14055V1
0
10
20
30
40
50
60
70
100
1000
10000
100000
1000000
Frequency [Hz]
V out = 3 .3V
V out =V adj
V
IN=1.6Vor 3.8V+/- 200mV, IOUT=10mA, COUT =1µF
AM14057V1
V
IN = 1.6V or 3.8V, CIN = COUT =1µF
0
1
2
3
4
5
6
7
8
0. 0 1
0.1
1
10
1 0 0
Frequency: f [kHz]
V out = 3 .3V
V out =V adj
AM14057V2
0
0.5
1
1.5
2
2.5
3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
COUT[µF] (nominal value)
V
IN from 2 to 5.5V, IOUT from 0 to 1.2A, CIN=1µF
STABILITY AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com