Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D25R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDL112D25R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D25R Datasheet(HTML) 4 Page - STMicroelectronics

  LDL112D25R Datasheet HTML 1Page - STMicroelectronics LDL112D25R Datasheet HTML 2Page - STMicroelectronics LDL112D25R Datasheet HTML 3Page - STMicroelectronics LDL112D25R Datasheet HTML 4Page - STMicroelectronics LDL112D25R Datasheet HTML 5Page - STMicroelectronics LDL112D25R Datasheet HTML 6Page - STMicroelectronics LDL112D25R Datasheet HTML 7Page - STMicroelectronics LDL112D25R Datasheet HTML 8Page - STMicroelectronics LDL112D25R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Pin configuration
LDL112
4/32
DocID026319 Rev 2
2
Pin configuration
Figure 2: Pin connection DFN6 (3x3) and DFN6 (2x2) (top view)
Figure 3: Pin connection PPAK and SO8 (top view)
Table 1: Pin description
Symbol
Function
VIN
LDO input voltage
GND
Common ground
EN
Enable pin logic input: low = shutdown, high = active
ADJ
Adjustable pin (on adjustable version)
VOUT
LDO output voltage
Exposed pad
Must be connected to GND
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com