Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D25R Datasheet(PDF) 25 Page - STMicroelectronics

Part # LDL112D25R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D25R Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LDL112D25R Datasheet HTML 21Page - STMicroelectronics LDL112D25R Datasheet HTML 22Page - STMicroelectronics LDL112D25R Datasheet HTML 23Page - STMicroelectronics LDL112D25R Datasheet HTML 24Page - STMicroelectronics LDL112D25R Datasheet HTML 25Page - STMicroelectronics LDL112D25R Datasheet HTML 26Page - STMicroelectronics LDL112D25R Datasheet HTML 27Page - STMicroelectronics LDL112D25R Datasheet HTML 28Page - STMicroelectronics LDL112D25R Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LDL112
Package information
DocID026319 Rev 2
25/32
8.6
SO8-batwing packing information
Figure 36: SO8-batwing tape and reel outline
Table 11: SO8-batwing mechanical data
Dim.
mm
Min.
Typ.
Max.
A
330
C
12.8
13.2
D
20.2
N
60
T
22.4
A0
8.1
8.5
B0
5.5
5.9
K0
2.1
2.3
P0
3.9
4.1
P
7.9
8.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com