Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L011F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L011F3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L011F3 Datasheet HTML 1Page - STMicroelectronics STM32L011F3 Datasheet HTML 2Page - STMicroelectronics STM32L011F3 Datasheet HTML 3Page - STMicroelectronics STM32L011F3 Datasheet HTML 4Page - STMicroelectronics STM32L011F3 Datasheet HTML 5Page - STMicroelectronics STM32L011F3 Datasheet HTML 6Page - STMicroelectronics STM32L011F3 Datasheet HTML 7Page - STMicroelectronics STM32L011F3 Datasheet HTML 8Page - STMicroelectronics STM32L011F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
This is information on a product in full production.
June 2016
DocID027973 Rev 4
1/115
STM32L011x3 STM32L011x4
Access line ultra-low-power 32-bit MCU ARM®-based
Cortex®-M0+, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.65 V to 3.6 V power supply
–
-40 to 125 °C temperature range
– 0.23 µA Standby mode (2 wakeup pins)
– 0.29 µA Stop mode (16 wakeup lines)
– 0.54 µA Stop mode + RTC + 2 KB RAM
retention
– Down to 76 µA/MHz in Run mode
– 5 µs wakeup time (from Flash memory)
– 41 µA 12-bit ADC conversion at 10 ksps
• Core: ARM® 32-bit Cortex®-M0+
– From 32 kHz to 32 MHz max.
– 0.95 DMIPS/MHz
•
Reset and supply management
– Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
– Ultralow power POR/PDR
– Programmable voltage detector (PVD)
• Clock sources
– 0 to 32 MHz external clock
– 32 kHz oscillator for RTC with calibration
– High speed internal 16 MHz factory-trimmed RC
(+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
• Pre-programmed bootloader
– USART, SPI supported
• Development support
– Serial wire debug supported
• Up to 28 fast I/Os (23 I/Os 5V tolerant)
• Memories
– Up to 16 KB Flash memory with ECC
– 2 KB RAM
– 512 B of data EEPROM with ECC
– 20-byte backup register
– Sector protection against R/W operation
–
• Rich Analog peripherals
– 12-bit ADC 1.14 Msps up to 10 channels (down
to 1.65 V)
– 2x ultra-low-power comparators (window mode
and wake up capability, down to 1.65 V)
• 5-channel DMA controller, supporting ADC, SPI,
I2C, USART, Timers
• 4x peripherals communication interface
• 1x USART (ISO 7816, IrDA), 1x UART (low power)
• 1x SPI 16 Mbits/s
• 1x I2C (SMBus/PMBus)
• 7x timers: 1x 16-bit with up to 4 channels, 1x 16-bit
with up to 2 channels, 1x 16-bit ultra-low-power
timer, 1x SysTick, 1x RTC and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32L011x3
STM32L011G3, STM32L011K3,
STM32L011E3, STM32L011F3,
STM32L011D3
STM32L011x4
STM32L011G4, STM32L011K4,
STM32L011E4, STM32L011F4,
STM32L011D4
UFQFPN20 3x3 mm
UFQFPN28 4x4 mm
UFQFPN32 5x5 mm
LQFP32
7x7 mm
WLCSP25
2.133x2.070 mm
TSSOP14/20
169 mils
www.st.com


Similar Part No. - STM32L011F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L011F3 STMICROELECTRONICS-STM32L011F3 Datasheet
1Mb / 119P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
September 2017
More results

Similar Description - STM32L011F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L031X4 STMICROELECTRONICS-STM32L031X4 Datasheet
1Mb / 118P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
05-Apr-2016
STM32L041X4 STMICROELECTRONICS-STM32L041X4 Datasheet
1Mb / 119P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
01-Dec-2016
STM32L051X6 STMICROELECTRONICS-STM32L051X6 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
STM32L073X8 STMICROELECTRONICS-STM32L073X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
22-Mar-2016
STM32L081CB STMICROELECTRONICS-STM32L081CB Datasheet
1Mb / 110P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC, AES
03-May-2016
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
22-Mar-2016
STM32L072X8 STMICROELECTRONICS-STM32L072X8 Datasheet
2Mb / 147P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
22-Mar-2016
STM32L021D4 STMICROELECTRONICS-STM32L021D4 Datasheet
1Mb / 114P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16KB Flash, 2KB SRAM, 512B EEPROM, ADC, AES
September 2017 Rev 5
STM32L011X3 STMICROELECTRONICS-STM32L011X3_V01 Datasheet
1Mb / 119P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
September 2017
STM32L031X4 STMICROELECTRONICS-STM32L031X4_V01 Datasheet
1Mb / 126P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com