Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L011F3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32L011F3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011F3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L011F3 Datasheet HTML 36Page - STMicroelectronics STM32L011F3 Datasheet HTML 37Page - STMicroelectronics STM32L011F3 Datasheet HTML 38Page - STMicroelectronics STM32L011F3 Datasheet HTML 39Page - STMicroelectronics STM32L011F3 Datasheet HTML 40Page - STMicroelectronics STM32L011F3 Datasheet HTML 41Page - STMicroelectronics STM32L011F3 Datasheet HTML 42Page - STMicroelectronics STM32L011F3 Datasheet HTML 43Page - STMicroelectronics STM32L011F3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
DocID027973 Rev 4
40/115
STM32L011x3/4
Pin descriptions
42
-
-
-
26
28
28
-
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM21_CH1
COMP2_INP
-
18
-
27
29
29
A3
PB6
I/O
FTf
-
USART2_TX,
I2C1_SCL,
LPTIM1_ETR,
TIM2_CH3,
LPUART1_TX
COMP2_INP
-
19
-
28
30
30
A4
PB7
I/O
FTf
-
USART2_RX,
I2C1_SDA,
LPTIM1_IN2,
TIM2_CH4,
LPUART1_RX
COMP2_INP,
VREF_PVD_IN
1
201
131
31
A5
PB9-BOOT0
I
B
-
-
BOOT0 (Boot
memory selection)
-----
32
-
PB8
I/O
FTf
-
USART2_TX,
EVENTOUT,
I2C1_SCL,
SPI1_NSS
-
----
32
--
VSS
S
-
(5)
--
----
1
1
-
VDD
S
-
(6)
--
1. VSS pins are connected to the exposed pad (see Figure 36: UFQFPN32, 5 x 5 mm, 32-pin package outline).
2. Device reset input/internal reset output (active low).
3. Analog power supply.
4. On TSSOP14 package, VDDA is internally connected to VDD.
5. Digital and analog ground.
6. Digital power supply.
Table 13. Pin definitions (continued)
Pin number
Pin name
(function
after reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com