Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L011F3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32L011F3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011F3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32L011F3 Datasheet HTML 44Page - STMicroelectronics STM32L011F3 Datasheet HTML 45Page - STMicroelectronics STM32L011F3 Datasheet HTML 46Page - STMicroelectronics STM32L011F3 Datasheet HTML 47Page - STMicroelectronics STM32L011F3 Datasheet HTML 48Page - STMicroelectronics STM32L011F3 Datasheet HTML 49Page - STMicroelectronics STM32L011F3 Datasheet HTML 50Page - STMicroelectronics STM32L011F3 Datasheet HTML 51Page - STMicroelectronics STM32L011F3 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
DocID027973 Rev 4
48/115
STM32L011x3/4
Electrical characteristics
92
6.3
Operating conditions
6.3.1
General operating conditions
Table 18. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1
Internal APB1 clock frequency
-
0
32
fPCLK2
Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled,
at power on
1.8
3.6
BOR detector disabled,
after power on
1.65
3.6
VDDA
Analog operating voltage
(all features)
Must be the same voltage
as VDD(1)
1.65
3.6
V
VIN
Input voltage on FT, FTf and RST pins(2)
2.0 V
≤ VDD ≤3.6 V
-0.3
5.5
V
1.65 V
≤ VDD ≤2.0 V
-0.3
5.2
Input voltage on BOOT0 pin
-
0
5.5
Input voltage on TC pin
-
-0.3
VDD+0.3
PD
Power dissipation at TA = 85 °C (range 6)
or TA =105 °C (rage 7) (3)
LQFP32 package
-
333
mW
UFQFPN32 package
-
513
UFQFPN28 package
-
206
WLCSP25 package
-
286
TSSOP20 package
-
270
UFQFPN20 package
-
196
TSSOP14 package
-
210
Power dissipation at TA = 125 °C (range
3) (3)
LQFP32 package
-
83
UFQFPN32 package
-
128
UFQFPN28 package
-
52
WLCSP25 package
-
71
TSSOP20 package
-
67
UFQFPN20 package
-
49
TSSOP14 package
-
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com