Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031C4 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L031C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L031C4 Datasheet HTML 98Page - STMicroelectronics STM32L031C4 Datasheet HTML 99Page - STMicroelectronics STM32L031C4 Datasheet HTML 100Page - STMicroelectronics STM32L031C4 Datasheet HTML 101Page - STMicroelectronics STM32L031C4 Datasheet HTML 102Page - STMicroelectronics STM32L031C4 Datasheet HTML 103Page - STMicroelectronics STM32L031C4 Datasheet HTML 104Page - STMicroelectronics STM32L031C4 Datasheet HTML 105Page - STMicroelectronics STM32L031C4 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
Package information
STM32L031x4/6
102/118
DocID027063 Rev 4
7.3
UFQFPN32 package information
Figure 40. UFQFPN32, 5 x 5 mm, 32-pin package outline
1. Drawing is not to scale.
Table 72. UFQFPN32, 5 x 5 mm, 32-pin package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.200
-
-
0.0079
-
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
4.900
5.000
5.100
0.1929
0.1969
0.2008
D2
3.200
3.450
3.700
0.1260
0.1358
0.1457
E
4.900
5.000
5.100
0.1929
0.1969
0.2008
E2
3.200
3.450
3.700
0.1260
0.1358
0.1457
e
-
0.500
-
-
0.0197
-
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com