Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031C4 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32L031C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32L031C4 Datasheet HTML 102Page - STMicroelectronics STM32L031C4 Datasheet HTML 103Page - STMicroelectronics STM32L031C4 Datasheet HTML 104Page - STMicroelectronics STM32L031C4 Datasheet HTML 105Page - STMicroelectronics STM32L031C4 Datasheet HTML 106Page - STMicroelectronics STM32L031C4 Datasheet HTML 107Page - STMicroelectronics STM32L031C4 Datasheet HTML 108Page - STMicroelectronics STM32L031C4 Datasheet HTML 109Page - STMicroelectronics STM32L031C4 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 118 page
background image
Package information
STM32L031x4/6
106/118
DocID027063 Rev 4
7.5
WLCSP25 package information
Figure 46. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale
package outline
Table 74. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale mechanical data
Symbol
Milimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.5250
0.5550
0.5850
0.0207
0.0219
0.0230
A1
-
0.1750
-
-
0.0069
-
A2
-
0.3800
-
-
0.0150
-
A3(2)
-
0.0250
-
-
0.0010
-
b(3)
0.2200
0.2500
0.2800
0.0087
0.0098
0.0110
D
2.0620
2.0970
2.1320
0.0812
0.0826
0.0839
E
2.4580
2.4930
2.5280
0.0968
0.0981
0.0995
e
-
0.4000
-
-
0.0157
-
e1
-
1.6000
-
-
0.0630
-
e2
-
1.6000
-
-
0.0630
-
F
-
0.2485
-
-
0.0098
-
G
-
0.4465
-
-
0.0176
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com